Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWL22RA1 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWL22RA1
Description  Internationally Approved TV Rated Rockers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWL22RA1 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWL22RA1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RA1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
10A @ 125/250V AC for JWM & JWMW models; 10A @ 30V DC for JWMW;
16A @ 125/250V AC for JWL models; 5A @ 72V DC for telecommunication applications
Other Ratings
Contact Resistance:
10 milliohms maximum for JWM & JWMW; 20 milliohms maximum for JWL
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
25,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
JWM & JWMW Single Pole 3.92N & Double Pole 7.84N
JWL Single Pole 5.00N & Double Pole 10.00N
Angle of Throw:
26°
Materials & Finishes
Housing/Frame & Barrier:
Polyamide (UL94V-0)
Movable Contacts:
Silver alloy
Interior Seal for JWM & JWL:
Polyphenylene sulfide
Stationary Contacts:
Silver alloy
Case/Base:
Melamine (UL94V-0)
Terminals:
Brass with silver plating
Environmental Data
Operating Temp Range:
–25°C through +70°C (–13°F through +158°F) for JWM & JWL;
–25°C through +85°C (–13°F through +185°F) for panel seal JWMW model
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
IP67 of IEC60529 standard for panel seal JWMW model; dust resistant inner seal for others.
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 for housing/frame & case/base of JWL, JWM, & JWMW models
TV Ratings for UL & CSA:
JWM & JWMW (TV-5) Overload Test @ 120V AC for 50 operations:
UL File No. WOYR2.E44145
Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A
CSA File No. 023535-0-000
JWM & JWMW (TV-5) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A
JWL (TV-8) Overload Test @ 120V AC for 50 operations:
Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A
JWL (TV-8) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A
UL & C-UL Recognized:
JWM & JWMW models recognized at 10A @ 250V AC & JWMW at 10A @ 30V DC;
JWL models recognized at 16A @ 250V AC; 5A @ 72V DC (specify “/U-DC” after part
number to request UL rating be marked on DC rated switches);
UL File No. WOYR2.E44145; C-UL File No. WOYR8.E44145.
CSA Certified:
JWM & JWMW models certified at 10A @ 250V AC;
JWL models certified at 16A @ 250V AC; CSA File No. 023535-0-000
VDE Approved:
JWM models approved at steady state 5A, inrush 80A, resistive 10A, &
motor load 6A all at 250V AC; VDE License No. 115637; JWL models approved at steady state 8A,
inrush 128A, resistive 16A, & motor load 8A all at 250V AC; VDE License No. 115637.
Note: JWM & JWL Double Pole, Single Throw models approved only with the
international on-off symbols on the actuator.
V
D E
R


Similar Part No. - JWL22RA1

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWL22RA1A-A NKK-JWL22RA1A-A Datasheet
312Kb / 9P
   General Specifications
JWL22RA1A-A NKK-JWL22RA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWL22RA1A-B NKK-JWL22RA1A-B Datasheet
312Kb / 9P
   General Specifications
JWL22RA1A-B NKK-JWL22RA1A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWL22RA1A-H NKK-JWL22RA1A-H Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWL22RA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com