Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPE-60S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPE-60S
Description  Single Output, 60W Compact, Enclosed AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPE-60S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPE-60S Datasheet HTML 1Page - MicroPower Direct, LLC MPE-60S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Line
2
AC-Neutral
3
AC-Ground
4
-Vout
5
+Vout
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
1. Output voltage tolerance includes the the
effects of set point accuracy, line regulation
and load regulation.
2. Ripple and noise is measured at 20 MHz
bandwidth using a 12 inch twisted pair
wire to connect to the power supply ter-
minals. A 0.1
µF and a 47 µF capacitor are
connected in parallel as close to the power
supply terminals as possible.
3. Overvoltage protection is provided by a
“hiccup mode” circuit. The unit recovers
automatically when the fault condition is
removed.
4. Overload protection is provided by fold-
back current limiting. The unit recovers
automatically when the fault condition
is removed.
5. It is recommended that a fuse be used on
the input of a power supply for protection.
For the MPE-60S series, a 5A/250 VAC slow
blow should be used.
Model
Number
Input
Output
Output
Tolerance
(%)
Ripple &
Noise
(mV p-p)
Efficiency
(%, Typ)
Current (A)
Voltage (VDC)
Current (A)
115 VAC
230 VAC
Range
Adjust
Rated
Range
MPE-60S-05
2.0
1.0
5.0
4.75 - 5.5
12.0
0 to 12.0
±2.0
120
73
MPE-60S-12
2.0
1.0
12.0
10.8 - 13.2
5.0
0 to 5.0
±1.0
120
76
MPE-60S-15
2.0
1.0
15.0
13.5 - 16.5
4.0
0 to 4.0
±1.0
150
77
MPE-60S-24
2.0
1.0
24.0
21.6 - 26.4
2.5
0 to 2.5
±1.0
150
79
MPE-60S-48
2.0
1.0
48.0
42.2 - 52.8
1.3
0 to 1.3
±1.0
200
80
Derating Curve
Static Characteristics (24 Vout)


Similar Part No. - MPE-60S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-05 MPD-MPE-100FS-05 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-12 MPD-MPE-100FS-12 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-24 MPD-MPE-100FS-24 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-27 MPD-MPE-100FS-27 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
More results

Similar Description - MPE-60S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
   Single Output, 320W Compact, Enclosed AC/DC Power Supplies
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
   Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
   Single Output, 40W Compact, Enclosed AC/DC Power Supplies
MPU-60S MPD-MPU-60S Datasheet
1Mb / 5P
   Single Output, 60W Compact, U-Channel AC/DC Power Supplies
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com