Electronic Components Datasheet Search |
|
E2015P-CG Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
E2015P-CG Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 6 page Light Duty Miniature Toggles Series E 2-06 NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com STANDARD HARDWARE Standard Hardware 2 AT513M Metric Hexagon Nuts 1 AT507M Metric Locking Ring 1 AT509 Internal Tooth Lockwasher Optional hardware available. See Accessories & Hardware section. AT513M Metric Hexagon Nut Material: Brass with Nickel Plating AT509 Lockwasher Material: Steel with Zinc/Chromate Face Nut Locking Ring Lockwasher Lock Nut Panel Thicknesses & Panel Cutouts With Standard Hardware Maximum Effective Panel Thickness: .087” (2.2mm) Without Locking Ring Maximum Effective Panel Thickness: .118” (3.0mm) Without Bottom Hex Nut Maximum Effective Panel Thickness: .154” (3.9mm) Without Locking Ring & Bottom Hex Nut Maximum Effective Panel Thickness: .185” (4.7mm) OPTIONAL SPLASHPROOF BOOT (6.35) Dia .250 (5.6) .220 (0.6) .024 (6.35) Dia .250 AT428M (Metric) Boot for Bat Toggle Material: Silicone Rubber AT507M Metric Locking Ring Material: Steel with Zinc/Chromate (8.0) .315 M6 P0.75 (9.0) .354 (1.5) .059 (2.0) .079 (5.5) .217 (6.0) Dia .236 (12.0) Dia .472 (1.7) .067 (0.8) .031 (6.4) Dia .252 (10.2) Dia .402 (0.5) .020 (11.3) .445 (14.3) .563 (1.57) .062 (2.0) .079 (2.5) .098 ~ (10.8) .425 (4.6) Dia .181 (6.7) Dia .264 (9.8) .386 (6.5) Dia .256 (6.5) .256 (2.2) Dia .087 |
Similar Part No. - E2015P-CG |
|
Similar Description - E2015P-CG |