Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-03S-03 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-03S-03
Description  Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-03S-03 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-03S-03 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-03S-03 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Line
3
AC-Neutral
13
NC
14
-Vout
16
+Vout
22
+Vin (DC)
26
-Vin (DC)
Pin Connections
26
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
1. Load regulation is measured for an output change of 10%
to 90% at nominal input line. For multiple output models,
the loads are balanced.
2. It is recommended that a fuse be used on the input of
a power supply for protection. For the MPM-05 series, a
1A/250 VAC slow blow should be used.
Model
Number
Input
Output
Ripple &
Noise
(mV)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (mA)
115 VAC
230 VAC
Typ.
Load
Reg.
MPM-03S-03
0.08
0.05
3.3
700
±1.0%
<150
65
MPM-03S-05
0.08
0.05
5.0
500
±1.0%
<100
70
MPM-03S-09
0.08
0.05
9.0
300
±1.0%
<100
71
MPM-03S-12
0.08
0.05
12.0
250
±1.0%
<100
72
MPM-03S-15
0.08
0.05
15.0
200
±1.0%
<100
72
MPM-03S-24
0.08
0.05
24.0
120
±1.0%
<100
70
Typical Connection
The diagram above illustrates a typical application connection of
the MPM-03 series. Notes on this circuit (starting with the input
circuit) are:
1. To maintain clearance and creepage distances (for Class I & Class II
devices) the board layout should guarentee the following spacing
between the L and N inputs (before the fuse):
Clearance - 2 mm
Creepage - 2.5 mm
2. The recommended fuse is a 1A/250V slow blow. A 10Ω/2W wire
wound resistor may also be used.
3. For EMI sensitive applications, the input filtering circuit (inside the
dotted boxes) may be added. The filter consists of:
C
x: Capacitors C1, C2 and C3 are 0.01 µF/275V
C
Y: 102 kµF/400V
T
1: Common mode choke, UU9.8 or ring core. Inductance is
about 10 mH & wire diameter of 0.22 mm.
4. The MOV is added for protection. Recommended is a 471KD07.
5. The input filtering capacitor (C
4) is an electrolytic 4.7 µF/400V. This
capacitor can be removed if the application input is between 160
to 264 VAC.
6. The output filtering capacitor (C
5) is a high frequency, low resis-
tance electrolytic capacitor.
7. The TVS is recommended to protect application circuitry in the
event of a fault.
Derating Curve


Similar Part No. - MPM-03S-03

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03S-03 MPD-MPM-03S-03 Datasheet
326Kb / 2P
   3W Output Power
MPM-03S-03MM MPD-MPM-03S-03MM Datasheet
532Kb / 2P
   3W Output Power
More results

Similar Description - MPM-03S-03

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPS-03 MPD-MPS-03 Datasheet
284Kb / 2P
   Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
MPL-03SE MPD-MPL-03SE Datasheet
396Kb / 2P
   Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com