Electronic Components Datasheet Search |
|
MPM-05S-03 Datasheet(PDF) 1 Page - MicroPower Direct, LLC |
|
MPM-05S-03 Datasheet(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 85 264 VAC 120 370 VDC Input Frequency 47 63 Hz Input Current See Model Selection Guide Inrush Current 115 VAC 10.0 A Pk 230 VAC 20.0 EMI Meets CISPR Pub. 22/FCC Class B Safety Ground Leakage Current 115 VAC 0.1 mA 230 VAC 0.3 Output Parameter Conditions Min. Typ. Max. Units Output Voltage See Model Selection Guide Output Current See Model Selection Guide Output Voltage Accuracy ±2.0 % Line Regulation ±0.5 Load Regulation See Model Selection Guide Ripple & Noise (20 MHz) 50 mV Pk - Pk Hold-Up Time 115 VAC 20 mSec 230 VAC 80 Temperature Coefficient ±0.02 %/°C Short Circuit Protection Continuous (Autorecovery) Overload Protection Typ. 110% of Output Power General Parameter Conditions Min. Typ. Max. Units Isolation Voltage Input to Output 3,000 VAC Input to Ground 1,500 Output to Ground 500 EMI/RFI Conducted EN 55022 Level B EMC Compliance Electrostatic Discharge (ESD) IEC/EN 61000-4-2 Level 3 RF Field Susceptibility IEC/EN61000-4-3 Electrical Fast Transients/Bursts On Mains IEC/EN 61000-4-4 Level 3 2 kV Surge IEC/EN 61000-4-5 Level 3 1kV/2 kV Switching Frequency 150 kHz Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -20 +25 +70 °C Case +90 °C Storage Temperature Range -25 +105 °C Cooling Free Air Convection (See Derating Curve) Humidity RH, Non-condensing 85 % Physical Case Size 1.91 x 1.42 x 0.81 Inches (48.5 x 36.0 x 20.5 mm) Case Material Non-Conductive Black Plastic (UL94-V0) Weight 3.77 Oz (107g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25°C, Gnd Benign 200 kHours Safety Standards IEN 60950, IEC 60950 Safety Approvals, See Note 3 IEN 60950, IEC 60950 Compact, 5W PC Mount Single, Dual & Triple Out AC/DC Power Supplies Key Features: • 5W Output Power • Universal 85-264 VAC Input • EN 60950 Approved • Single, Dual & Triple Outputs • Meets EN55022 B • >200 kHour MTBF • Compact PC Mount Case MPM-05 Series Electrical Specifications Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. |
Similar Part No. - MPM-05S-03 |
|
Similar Description - MPM-05S-03 |