Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2123PFW Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2123PFW
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2123PFW Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2123PFW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
Distinctive Characteristics
Industry’s first LED illumination at tip of toggle and paddle switches.
Single color LEDs of red, yellow, and green, plus bicolor red/green,
to meet varied design requirements.
LEDs can operate independently from or synchronously with
switching operation.
Antijamming feature to protect contacts from damage
due to excessive downward force on the toggle.
High torque bushing prevents the bushing from
rotating or separating from the metal frame
during installation.
Stainless steel frame resists corrosion.
Silver contacts are of specially composed
alloy for hardness.
High insulating barriers protect against crossover in
double pole devices.
Terminals are molded in and epoxy sealed to lock out
flux, dust, and other contaminants.
1,500V dielectric strength between switch contacts
and case is accomplished by clinching the frame
away from the terminals.
Actual Size


Similar Part No. - M2123PFW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2123PFW01-A NKK-M2123PFW01-A Datasheet
644Kb / 6P
   General Specifications
M2123PFW01-B NKK-M2123PFW01-B Datasheet
644Kb / 6P
   General Specifications
M2123PFW02-A NKK-M2123PFW02-A Datasheet
644Kb / 6P
   General Specifications
M2123PFW02-B NKK-M2123PFW02-B Datasheet
644Kb / 6P
   General Specifications
M2123PFW03-A NKK-M2123PFW03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2123PFW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com