Electronic Components Datasheet Search |
|
M2T19TXG41-D Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2T19TXG41-D Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 7 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Process Sealed Miniature Rockers Series M2 MOUNTING FRAME Rocker Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Down Center Up Down Center Up Note: Terminal numbers are not actually on the switch. SP M2T12 M2T13 M2T15 M2T18 M2T19 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 OPEN 2-1 SPDT DP M2T22 M2T23 M2T25 M2T28 M2T29 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 5-6 OPEN 2-1 5-4 DPDT Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section for complete explanation of dual rating and operating range. Vertical PC Mounting W Gold over Brass or Copper Logic Level 0.4VA maximum @ 28V AC/DC maximum Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC Gold over Silver POLES & CIRCUITS 2 (COM) 1 3 4 6 1 3 2 5 (COM) AT4148 AT4149 TX G A CONTACT MATERIALS & RATINGS Straight PC Mounting Right Angle PC Mounting Actuators & Panel Cutouts AT4150 AT4151 Complete explanation of operating range in Supplement section. Power Level 6A @ 125V AC or Logic Level or 0.4VA maximum @ 28V AC/DC maximum (10.1) .398 (17.8) .701 (12.7) .500 (12.4) .490 (2.54) Dia .100 26 ° (2.54) Dia .100 Mounting Frame for Rockers or Paddles with Straight or Angle PC Terminals 26 ° (2.54) Dia .100 |
Similar Part No. - M2T19TXG41-D |
|
Similar Description - M2T19TXG41-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |