Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS12BNG Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS12BNG
Description  Miniature Slides
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS12BNG Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS12BNG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS12BNG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
ACTUATORS
A
.150” (3.8mm) Wide for
Single or Double Pole
B
.323” (8.2mm) Wide for
Double Pole
1
A
MS
Gold Contacts with 0.4VA Rating
SPDT
ON-NONE-ON Circuit
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
0
ON
ON
ON
CONTACT MATERIALS
& RATINGS
W
Silver; Rated 6A @ 125V
AC & 3A @ 250V AC
G
Gold; Rated 0.4VA max. @
28V AC/DC max.
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA
max. @ 28V AC/DC max.
2
IMPORTANT:
Switches are supplied without
UL, C-UL & CSA markings un-
less specified. Specific models
& ratings are noted on General
Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MS12ASG30
G
.150” (3.8mm) Wide
Actuator
30
MOUNTING
F
Panel Mount
(Terminal 01 only)
N
PCB Mount
(Terminal 03 only)
S
Bracket Mount
(Terminals 13, 30, &
40 only)
TERMINALS
01
Solder Lug
03
Straight PC
13
Straight with Bracket
30
Right Angle PC
40
Vertical PC
POLES
1
SPDT
2
DPDT
SP3T
Right Angle PC Terminals
with Support Bracket
S
TYPICAL SWITCH ORDERING EXAMPLE


Similar Part No. - MS12BNG

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS12 KISEMICONDUCTOR-MS12 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Meder Electronic
MS12-1A87-75D MEDER-MS12-1A87-75D Datasheet
628Kb / 3P
   MICRO SIL Reed Relays
MS12-1A87-75DHR MEDER-MS12-1A87-75DHR Datasheet
628Kb / 3P
   MICRO SIL Reed Relays
MS12-1A87-75L MEDER-MS12-1A87-75L Datasheet
628Kb / 3P
   MICRO SIL Reed Relays
MS12-1A87-75LHR MEDER-MS12-1A87-75LHR Datasheet
628Kb / 3P
   MICRO SIL Reed Relays
More results

Similar Description - MS12BNG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
   Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
   Subminiature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com