Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2013TNG Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2013TNG
Description  Miniature Rockers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2013TNG Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2013TNG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2013TNG Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
CONTACT MATERIALS & RATINGS
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Gold over Silver
Power Level
or Logic Level
6A @ 125V AC
or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within
the same application. See Supplement section to find complete explanation of dual rating and operating range.
A
W
G
TERMINALS
01
03
Solder Lug
.250” (6.35mm)
Straight PC
Single Pole
Double Pole
Three Pole
Four Pole
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
12
11
10
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
MOUNTING FRAMES (CONTINUED)
Optional Hardware Kits
for Subpanel or Face Panel Mounting
Frame
Panel
Thickness
Standoff
Length
Hardware
Kit Number
TN Frame
.125” (3.175mm) .233” (5.918mm)
HK-1
TY Frame
.125” (3.175mm) .312” (7.925mm)
HK-2
Hardware kits include:
2 stainless steel screws, 2 hex nuts, 2 lockwashers, & 2 standoffs
STANDOFF
LENGTH
Face Panel Mounting
Subpanel Mounting
Flat frame devices may
also be mounted to the
face panel. Standoffs
are used to recess the
actuator and achieve
an attractive front panel
appearance.
These devices are especially
designed for subpanel mounting.
When installed on a mounting
plate behind the panel, hardware
is completely concealed and
the front panel retains a clean,
attractive appearance.
Optional Snap-in Panel Frames
Further
details are
shown in
the previous
bracketed
PC mount
subsection.
AT064-1
AT064-2
AT065-1
AT065-2
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4


Similar Part No. - M2013TNG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2013TJA01-FA NKK-M2013TJA01-FA Datasheet
2Mb / 29P
   General Specifications
M2013TJA01-FB NKK-M2013TJA01-FB Datasheet
2Mb / 29P
   General Specifications
M2013TJA01-FC NKK-M2013TJA01-FC Datasheet
2Mb / 29P
   General Specifications
M2013TJA01-FE NKK-M2013TJA01-FE Datasheet
2Mb / 29P
   General Specifications
M2013TJA01-GA NKK-M2013TJA01-GA Datasheet
2Mb / 29P
   General Specifications
More results

Similar Description - M2013TNG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com