Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG6680 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG6680
Description  N-Channel Enhancement Mode Power Mos.FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG6680 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG6680 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG6680 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG6680 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG6680 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG6680 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
30
0.02
1.0
3.0
100
1
25
11
18
16.8
4.2
8
8.9
7.3
25.6
18.6
1450
285
180
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDD=15V
ID=1A
VGS=10V
RG=5.5
RD=10
Ω
Ω
ID=11.5A
VDS=15V
VGS=5V
VGS=10V, ID=11.5A
VGS=4.5V, ID=9.5A
VGS=0V, ID=250uA
VGS= 25A
±
VDS=30V,VGS=0
VDS=24V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
Forward Transconductance
Gfs
S
30
VDS=15V, ID=11.5A
_
_
_
_
_
C
o
C
o
C
o
C
o
2
2
_
_
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
2
o
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VDS
_
_
IS=3 5
. A,VGS=0V,Tj=25 C
V
1.3
Notes: 1.Pulse width limited by Max. junction temperature
2.Pulse width 300us, dutycycle 2%.
Continuous Source Current (Body Diode)
VD=VG=0V, VS=1.3V
_
_
Is
A
1.92
o
2
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 5
3.Surface mounted on 1 inch2 copper pad of FR4 board; 125
when mounted on min. copper pad.
°C/W
Elektronische Bauelemente
SSG
6680
11.5A, 30V,RDS(ON) 11m
N-Channel Enhancement Mode Power Mos.FET
Ω


Similar Part No. - SSG6680

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG6612N SECOS-SSG6612N Datasheet
573Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG6612N DOINGTER-SSG6612N Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG6612N SECOS-SSG6612N_15 Datasheet
573Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSG6618 SECOS-SSG6618 Datasheet
384Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG6618-C SECOS-SSG6618-C Datasheet
286Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSG6680

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com