Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS23BNG Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS23BNG
Description  Miniature Slides
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS23BNG Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS23BNG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS23BNG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Left
Center
Right
Left
Center
Right
Note:
Terminal numbers are
not actually on the switch.
SP
MS12
MS13
ON
ON
NONE
OFF
ON
ON
2-1
OPEN
2-3
SPDT
DP
MS22
MS23
ON
ON
NONE
OFF
ON
ON
2-1 5-4
OPEN
2-3 5-6
DPDT
For 3 Throw (3-On)
Connected Terminals & Schematics
Pole
Model
Left
Center
Right
External Connection
SP
MS20
ON
ON
ON
The SP3T model utilizes a
double pole base.
External
connections
must be made
during field
installation.
2-1 5-4
2-3 5-4
2-3 5-6
ACTUATORS
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
POLES & CIRCUITS
2 (COM)
3
1
1
3
4
6
2
5
(COM)
A
G
A
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
.150” (3.8mm) Wide
for Single Pole
(out)
6
3
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
.150” (3.8mm) Wide
for Double Pole
B
.323” (8.2mm) Wide
for Double Pole Only
(3.8)
.150
(3.8)
.150
(3.8)
.150
(3.8)
.150
(3.8)
.150
(8.2)
.323
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Similar Part No. - MS23BNG

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2301 CIT-MS2301 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L12 CIT-MS2301L12 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L3 CIT-MS2301L3 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L4.5 CIT-MS2301L4.5 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L6 CIT-MS2301L6 Datasheet
130Kb / 1P
   CIT SWITCH
More results

Similar Description - MS23BNG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
   Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
   Subminiature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com