Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG9435 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9435
Description  P-Ch Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9435 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SSG9435 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Elektronische Bauelemente
SSG9435
P-Ch Enhancement Mode Power MOSFET
-5.3 A, -30 V, RDS(ON) 55 mΩ
01-June-2004 Rev. B
Page 5 of 5
CHARACTERISTIC CURVE (cont’d)


Similar Part No. - SSG9435

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SSG9435 SECOS-SSG9435 Datasheet
3Mb / 5P
   P-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG9435 DOINGTER-SSG9435 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSG9435 VBSEMI-SSG9435 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
SSG9435A VBSEMI-SSG9435A Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSG9435

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04J SECOS-SSD40P04J Datasheet
313Kb / 3P
   P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03 Datasheet
449Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com