Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2181SB3W05 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2181SB3W05
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2181SB3W05 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2181SB3W05 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
CAP COLORS
FOR SHROUD
A
Black
B
White
C
Red
F
Green
G
Blue
H
Gray
CUSTOM ASSEMBLY ORDERING EXAMPLE
C
4
MB2011
POLES & CIRCUITS
2011
SPDT
ON
(ON)
2065
SPDT
ON
ON
2061
DPDT
ON
(ON)
2085
DPDT
ON
ON
4-pole available
for shroud types 4 & 5
( ) = Momentary
SB1W01
MOUNTER COLORS
FOR SHROUD
A
Black
B
White
H
Gray
MOUNTER SHAPES
FOR SHROUD
4
Round
5
Rectangular
MOUNTER SHAPE
FOR SNAP-IN
6
Round (for 1- and
2-pole only)
The MB2000 pushbutton series offers flexibility to accommodate a variety of applications. Using a basic
large bushing model, different accessories can be assembled onto the switch to achieve the mounting varia-
tions shown on the following two pages.
These switches have:
• 12mm diameter threaded bushing with keyway
• Silver contacts
• 6-Amp rating
• Solder lug terminals
Other 12mm bushing options can be used; see details in preceding Large Bushing Ordering tables.
A
CAP COLORS
FOR SNAP-IN
A
Black
B
White
C
Red
F
Green
MOUNTER COLOR
FOR SNAP-IN
A
Black
Round Shroud
MB2011SB1W01-4C-A
See custom assemblies on
following pages.
Rectangular Shroud
MB2011SB1W01-5C-A
Snap-in Mounter
MB2011SB1W01-6C-A


Similar Part No. - MB2181SB3W05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2181SD1A NKK-MB2181SD1A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD1G NKK-MB2181SD1G Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD1W NKK-MB2181SD1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD3A NKK-MB2181SD3A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD3G NKK-MB2181SD3G Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2181SB3W05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com