Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2013Z Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2013Z
Description  Internationally Approved Toggles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2013Z Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2013Z Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2013Z Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2013Z Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2013Z Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Toggles
Series P
(6.35)
.250
(1.3) Dia
.051
(4.75)
.187
(9.0)
.354
Thk = (0.8)
.031
Epoxy Seal
(4.5)
.177
(2.6)
.102
(1.25)
.049
(2.0)
.079
Thk = (1.0)
.039
(7.6)
.299
(1.17)
.046
Thk = (1.0)
.039
Epoxy Seal
(4.8)
.189
TOGGLES & BUSHINGS
E
Panel Thickness
with Keyway
.134” (3.4mm)
maximum
For 6mm Bushing: 1 Locking Ring AT507M, 1 Internal Tooth Lockwasher AT509, 2 Hex Nuts AT513M
For 12mm Bushing: 1 Hex Face Nut AT503M, 1 Locking Ring AT506M, 1 Internal Tooth Lockwasher AT508, 1 Hex Mounting Nut AT527M
.450” (11.4mm)
Flatted with
6mm Bushing
No Code
.689” (17.5mm)
Large Bat with
12mm Bushing
TERMINALS
Solder Lug
B
D .748” (19.0mm)
White Capped Column
with 12mm Bushing
.512” (13.0mm)
White Cap with
6mm Bushing
Panel Cutouts
Panel Thickness
with Locking Ring
.102” (2.6mm)
maximum
Panel Thickness
with Keyway
.256” (6.5mm)
maximum
Panel Thickness
with Locking Ring
.217” (5.5mm)
maximum
Standard Hardware
Z
P
No Code
.187” (4.75mm)
Quick Connect
Straight PC
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
(6.5)
.256
(2.2) Dia
.087
TYPICAL SWITCH DIMENSIONS
P2012
P2011 models do not have terminal 1a.
12mm Bushing
P2021B, P2022B, P2023B
6mm Bushing
P2011, P2012, P2013
SPST
SPDT
DPST
DPDT
P2022B
P2021 models do not have terminals 1a & 2a.
25
°
(13.0)
.512
(4.2) Dia
.165
(5.08)
.200
25
°
(11.4)
.450
(2.54)
.100
(19.0)
.748
25
°
(4.4) Dia
.173
Keyway
(11.0)
.433
(13.0)
.512
(8.0)
.315
(7.62)
.300
M6 P0.75
(0.5)
.020
(0.8)
.031
(5.0)
.197
25
°
(4.2) Dia
.165
(22.0)
.866
(1.0) Typ
.039
(1.25) x (2.0) Typ
.049 x .079
(0.9)
.035
1b
1a
1
(20.5)
.807
(2.6)
.102
Keyway
(20.0)
.787
M12 P1
(7.62)
.300
(0.5)
.020
(0.8)
.031
(5.0)
.197
25
°
(6.0) Dia
.236
(17.5)
.689
(12.0)
.472
(21.1)
.831
(1.0) Typ
.039
(1.25) x (2.0) Typ
.049 x .079
1
2
2a
1a
1b
2b
(10.16)
.400
(20.5)
.807
(2.6) Typ
.102
(17.5)
.689
25
°
(6.0) Dia
.236
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
2a
2
1b
2b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
2
1b
2b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
1b


Similar Part No. - P2013Z

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2013Z NKK-P2013Z Datasheet
137Kb / 4P
   General Specifications
More results

Similar Description - P2013Z

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com