Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5252203000 Datasheet(PDF) 1 Page - Meder Electronic

Part # 5252203000
Description  OPT COUPLER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

5252203000 Datasheet(HTML) 1 Page - Meder Electronic

  5252203000 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Modifications in the sense of technical progress are reserved
DESIGNED BY:
E.Bunke
APPROVED BY:
R.Rippl
DATE :
1999-01-26
Page 1 of 1
[VOKp-02.doc]
REVISION /
Rev. No.: 03
REVISED BY:
W.Kovacs
APPROVED BY:
K.Olbrich
DATE :
25.01.2008
Part Number:
Optocoupler:
5252203000
522-03-i
Europa: +49 / 7731 8399 0
 Email: info@meder.com
USA:
+1 / 508 539 0002
 Email: salesusa@meder.com
Asia:
+852 / 2955 1682
 Email: salesasia@meder.com
Dimensions (mm)
Test circuit
Layout / Pitch 2,54 mm
/ Top View
Marking
MEDER-Label
Type
Prod.-Code-
EN60062
/Factory Code
Pins:
∅ 0,65 mm / L 3,2 +0,8 -0,3 mm
Electrical Characteristics
Conditions (at TA= 25°C)
Symbol
Min.
Typ.
Max.
Units
Isolation Voltage Input / Output
VIO
4.000
VDC
Insulation Resistance Input / Output
RH 45%
RIO
10
12
Coupling Capacitance
CC
0,4
pF
Collektor-Emitter Saturation Voltage
IF 10 mA, IC 1 mA
VCEsat
0,3
V
Collektor Dark Current
UCE= 20 V, R= 1 M
Ω, IF= 0 mA
ICEO
0,2
µA
Cut-Off Frequency
IF=10 mA, UCE=5 V, RL=100
FCO
50
kHz
Current Transfer Ratio IC / IF
IF= 10 mA
CTR
0,5
0,8
Coupled Device
Creeping Distance
12
mm
Air Path Input / Output
12
mm
Insulation through Thickness
2
mm
Switching Time
Turn-on Time
IF=10 mA, UCE=5 V, RL=100
Ton
5,5
µs
Turn-off Time
IF=10 mA, UCE=5 V, RL=100
Toff
4,2
µs
Maximum Ratings Emitter
Reverse Voltage
VR
5V
DC Forward Current
IF
75
mA
Surge Forward Current
t
≤10 µsIFS
500
mA
Power Dissipation
PTOT
100
mW
Forward Voltage
VF
1,5
V
Current Reduction
0,73
mA/°C
Maximum Ratings Detector
Collector-Emitter Voltage
VCE
32
V
Emitter-Collector Voltage
VEC
5
V
Collector Current
IC
50
mA
Collector Peak Current
t
≤10 ms
ICM
100
mA
Power Dissipation
PTOT
100
mW
Power Reduction
0,91
mW/°C
Environmental Data
Ambient Temperatur Range
TA
- 40
+ 85
°C
Storage Temperatur Range
Tstg
- 40
+ 100
°C
Soldering Temperature
5 sec. at
260
°C
Cleaning
fully sealed
Material of Case
Plastics
Sealing Compound
Polyurethan
Material of Pins
Cu-alloy tinned
Remarks
Optocoupler approved according to PTB 01 ATEX 2043 U.
Customer / Customer part number
Standard Part


Similar Part No. - 5252203000

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5252 POMONA-5252 Datasheet
25Kb / 1P
   Chip Lead Spacing
logo
List of Unclassifed Man...
5252 ETC2-5252 Datasheet
142Kb / 2P
   BATTERY CONTACTS FOR MOLDED CASES
logo
3M Electronics
5252 3M-5252 Datasheet
25Kb / 1P
   Chip Lead Spacing
logo
Pomona Electronics
5252-16 POMONA-5252-16 Datasheet
21Kb / 1P
   SOIC Clip Test Clip Kit
logo
Bourns Electronic Solut...
5252-RC BOURNS-5252-RC Datasheet
2Mb / 2P
   5200 Series - Hash Choke
More results

Similar Description - 5252203000

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
5217103000 MEDER-5217103000 Datasheet
132Kb / 1P
   OPT COUPLER
5217304000 MEDER-5217304000 Datasheet
133Kb / 1P
   OPT COUPLER
5217670010 MEDER-5217670010 Datasheet
128Kb / 1P
   OPT COUPLER
5217630010 MEDER-5217630010 Datasheet
129Kb / 1P
   OPT COUPLER
logo
PHOENIX CONTACT
2967950 PHOENIX-2967950 Datasheet
152Kb / 6P
   OPT-24DC/230AC/ 1
2966618 PHOENIX-2966618 Datasheet
141Kb / 5P
   OPT-24DC/ 48DC/100
2966595 PHOENIX-2966595 Datasheet
141Kb / 5P
   OPT-24DC/ 24DC/ 2
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
logo
Schneider Electric
9001KR9P38Y20 SCHNEIDER-9001KR9P38Y20 Datasheet
104Kb / 2P
   PUSHBUTTON 600VAC 10AMP 30MM TYPE K OPT
Dec 28, 2021
9001K3L35LLLH13 SCHNEIDER-9001K3L35LLLH13 Datasheet
139Kb / 2P
   PUSHBUTTON 600VAC 10AMP 30MM TYPE KOPT
Dec 20, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com