Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2065SB3G05 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2065SB3G05
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2065SB3G05 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2065SB3G05 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SB3G05 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
CAP COLORS
A
Black
B
White
C
Red
D
Amber
E
Yellow
F
Green
G
Blue
H
Gray
* Not available
with cap code E
TYPICAL SWITCH ORDERING EXAMPLE
A
2011
D
MB
SPDT ON-(ON) Circuit
Solder Lug Terminals
POLES & CIRCUITS
2011
SPDT
ON
(ON)
2065
SPDT
ON
ON
2061
DPDT
ON
(ON)
2085
DPDT
ON
ON
2181
4PDT
ON
(ON)
2185
4PDT
ON
ON
( ) = Momentary
S
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MB2011SB1W01-DA
CAPS
B
.315” (8.0mm) Dia.
C
.394” (10.0mm) Dia.
D
.520” (13.2mm) Dia.
E
.748” (19.0mm) Dia.
CONTACT MATERIALS
& RATINGS
W
Silver
Rated 6A @ 125V AC
& 3A @ 250V AC
G
Gold
Rated 0.4VA max @
28V AC/DC max
Plunger for Screw-on Caps
B1 W 01
PLUNGER TYPE
S
Plunger for Screw-on Caps
BUSHINGS
B1
.472” (12.0mm)
Threaded with Keyway
B3
.472” (12.0mm)
Threaded w/Splashproof
TERMINALS
01
Solder Lug
02
Quick Connect
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
08
1.062” (27.0mm) Wirewrap
Black .520” (13.2mm) Diameter Cap
Silver Contacts with
6-Amp Rating
.472” (12.0mm) Diameter
Threaded Bushing with Keyway
*
*
*
*
IMPORTANT:
Switches are supplied without UL, C-UL, & CSA
markings unless specified. Specific models &
ratings noted on General Specifications page.


Similar Part No. - MB2065SB3G05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2065SD1A NKK-MB2065SD1A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2065SD1G NKK-MB2065SD1G Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2065SD1W NKK-MB2065SD1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2065SD3A NKK-MB2065SD3A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2065SD3G NKK-MB2065SD3G Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2065SB3G05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com