Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2028TYG Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2028TYG
Description  Miniature Rockers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2028TYG Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2028TYG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2028TYG Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
AT4148 .365” (9.27mm)
Wide Rocker
D
Material: Polyamide
Finish: Matte
AT4149 .365” (9.27mm)
Wide Paddle
E
Material: Polyamide
Finish: Matte
AT4150 .450” (11.43mm)
Wide Rocker
F
Material: Polyamide
Finish: Matte
AT4151 .450” (11.43mm)
Wide Paddle
G
Material: Polyamide
Finish: Matte
(2.36)
.093
(3.18)
.125
(5.84) R
.230
(16.36)
.644
(3.5)
.138
(11.8)
.465
(11.43)
.450
(6.3)
.248
(8.1)
.319
(11.8)
.465
(9.19)
.362
(3.5)
.138
(7.7)
.303
(11.43)
.450
(2.13)
.084
(3.96)
.156
(8.43) R
.332
(3.5)
.138
(18.8)
.740
(16.8)
.661
(9.27)
.365
(7.9)
.311
(8.8)
.346
(6.15)
.242
(3.5)
.138
(13.49)
.531
(16.87)
.664
(9.27)
.365
ROCKERS & PADDLES
Black
A
Cap Colors
Available:
White
B
Red
C
Yellow
E
Green
F
Blue
G
Gray
H
AT4156 .595” (15.11mm)
Wide Rocker
J
AT4157 .595” (15.11mm)
Wide Paddle
H
(15.11)
.595
(11.0)
.433
(23.01)
.906
(6.5)
.256
(8.4)
.331
(3.5)
.138
(26.78)
1.054
(14.33)
.564
(15.11)
.595
(29.82)
1.174
(26.8)
1.055
(2.36)
.093
(4.75)
.187
(13.5) R
.531
(7.3)
.287
(3.5)
.138
Material: Polyamide
Finish: Matte
Material: Polyamide
Finish: Matte
For TN Frame
For TY Frame


Similar Part No. - M2028TYG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2028TJA01-FA NKK-M2028TJA01-FA Datasheet
2Mb / 29P
   General Specifications
M2028TJA01-FB NKK-M2028TJA01-FB Datasheet
2Mb / 29P
   General Specifications
M2028TJA01-FC NKK-M2028TJA01-FC Datasheet
2Mb / 29P
   General Specifications
M2028TJA01-FE NKK-M2028TJA01-FE Datasheet
2Mb / 29P
   General Specifications
M2028TJA01-GA NKK-M2028TJA01-GA Datasheet
2Mb / 29P
   General Specifications
More results

Similar Description - M2028TYG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com