Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2065SS1A Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2065SS1A
Description  Miniature Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2065SS1A Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2065SS1A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2065SS1A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Bushing Mount Miniature Pushbuttons
Series MB2000
.335” (8.5mm)
Threaded with D Flat
.335” (8.5mm)
Smooth with Keyway
BUSHINGS
.335” (8.5mm)
Threaded with Keyway
S1
S2
D1
.335” (8.5mm)
Threaded Splashproof without Keyway
D3
.335” (8.5mm) Metric
Threaded with Keyway
S4
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .240” (6.1mm)
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
G
A
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC & 3A @ 250V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
For S1, S2, or S4 Bushing
with
Keyway
For S1 or S4 Bushing
with
Optional Locking Ring
For D1 Bushing
with
D Flat
For D3 Bushing
without
Keyway
Standard hardware for bushings S1, S4, & D1 includes 2 hex nuts & 1 lockwasher; D3 bushing has 1 hex nut & 1 o-ring.
Standard & optional hardware are illustrated following the Typical Switch Dimension drawings.
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
(6.2) Dia
.244
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
M6P0.75
(9.0) Dia
.354
(2.5)
.098
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(10.0) Dia
.394
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
(5.8)
.228
(6.5) Dia
.256
(6.5) Dia
.256
Panel Cutouts


Similar Part No. - MB2065SS1A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2065SB1G01 NKK-MB2065SB1G01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2065SB1G02 NKK-MB2065SB1G02 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2065SB1G03 NKK-MB2065SB1G03 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2065SB1G05 NKK-MB2065SB1G05 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2065SB1G06 NKK-MB2065SB1G06 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results

Similar Description - MB2065SS1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com