Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRK206-AE Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRK206-AE
Description  Half-Inch Diameter Process Sealed Rotaries
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRK206-AE Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRK206-AE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRK206-AE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRK206-AE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRK206-AE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRK206-AE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MRK206-AE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Half-Inch Diameter Process Sealed Rotaries
Series MR
Pole
Model
Number of Positions
Stopper Settings
Number of Terminals
Schematics
SP
MRA112
MRF112
MRK112
2–12
2–12
2–12
2, 3, 4, . . . 12
2, 3, 4, . . . 12
2, 3, 4, . . . 12
1 COM, 12 LOAD
1 COM, 12 LOAD
1 COM, 12 LOAD
DP
MRA206
MRF206
MRK206
2–6
2–6
2–6
2, 3, 4, 5, 6
2, 3, 4, 5, 6
2, 3, 4, 5, 6
2 COM, 12 LOAD
2 COM, 12 LOAD
2 COM, 12 LOAD
4P
MRA403
MRF403
MRK403
2–3
2–3
2–3
2, 3
2, 3
2, 3
4 COM, 12 LOAD
4 COM, 12 LOAD
4 COM, 12 LOAD
POLES & CIRCUITS
12 34 56 78 9101112
A
12 34 56 12 34 56
A
B
12 31 23 12 31 23
A
B
C
D
POSITION SETTING FOR MRA, MRF, & MRK MODELS
Each switch is supplied with the stopper set for the maximum number of positions allowed for that model. Prior to installation,
the desired position setting should be made. Contact factory for continuous rotation.
MRF Models
1. Remove the protective cover from the switch body.
2. Turn the shaft counterclockwise to the extreme left by using a screwdriver.
3. Inside the cover is a magnifying lens which would be positioned over the
number which is to be the maximum position used; when the cover is then
snapped into the switch, the projection beside the lens fits into the correct
hole for setting the stop.
2
1 C 12 11 10
M R
-
4 5 6
Protective Cover
Lens
Projection
MRK & MRA Models
1. Using the actuator knob, turn the shaft
counterclockwise to the extreme left. If
the shaft is not turned counterclockwise
to the extreme left, proper setting can-
not be achieved. At this extreme posi-
tion, the white line on the knob points
to the number 1 position shown on the
side of the switch.
2. Remove the knob from the shaft and
loosen the nut far enough to allow rais-
ing the stopper plate, plus washer(s),
for resetting to the desired position.
3. Note the position numbers on the side
of the switch; these correspond to the
terminal numbers and stopper holes.
Insert the stopper in the hole numbered
for the maximum desired number of
stop settings. Satisfactory switch func-
tioning cannot be assured if the stopper
plate is not properly positioned.
4. Tighten the nut (beveled side up) firmly
against the stopper plate.
12
11
10
9
1
12
11
10
2
M R - K 1 1 2
2
1 C
12
11
10
9
12 11 10
9
Standard Mounting Hardware
Packaged Loose with Each Switch:
Hex Face Nut
Locking Ring
Lockwasher
Rubber Ring (MRK)
Factory Assembled:
Hex Nut
Stopper Plate
Metal Washer (MRA)
Rubber Washer


Similar Part No. - MRK206-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRK206 ETC2-MRK206 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
More results

Similar Description - MRK206-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
SK12AG13 NKK-SK12AG13 Datasheet
262Kb / 6P
   Process Sealed Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com