Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRY106G-BF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRY106G-BF
Description  Miniature Power Level Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRY106G-BF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRY106G-BF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRY106G-BF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRY106G-BF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRY106G-BF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRY106G-BF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Power Level Rotaries
Series MR
Pole
Model
Number of Positions
Stopper Settings
Number of Terminals
Schematics
SP
MRX108
2-8
2, 3, 4, 5, 6, 7, 8
1 COM, 8 LOAD
MRY106
MRY106G
2-6
2, 3, 4, 5, 6
1 COM, 6 LOAD
DP
MRX204
2-4
2, 3, 4
2 COM, 8 LOAD
DPDT
MRT22
2
ON-NONE-ON
2-3
2-1
5-6
5-4
MRT23
3
ON-OFF-ON
2-3
OPEN
2-1
5-6
OPEN
5-4
4P
MRX402
2
1 & 2
4 COM, 8 LOAD
POLES & CIRCUITS
POSITION SETTING FOR MRX & MRY MODELS
Each switch is supplied with the stopper set for the maximum number of
positions allowed for that model. Prior to installation, the desired position
setting should be made. Contact factory for continuous rotation.
1. Using the actuator knob, turn the shaft counterclockwise to the extreme left.
If the shaft is not turned to this extreme position where the white line on the
knob points to the number 1 position shown on the side of the switch,
proper setting cannot be achieved.
2. Remove the knob from the shaft and loosen the nut far enough to allow
raising the stopper plate for resetting to the desired position.
3. Note the position numbers on the side of the switch; these correspond to
the terminal numbers and stopper holes. Insert the stopper in the hole
numbered for the maximum desired number of stop settings. Satisfactory
switch functioning cannot be assured if the stopper plate is not properly
positioned.
4. Tighten the nub (beveled side up) firmly against the stopper plate.
TYPICAL SWITCH DIMENSIONS
MRX • PC-Turret Terminals
Single, Double & Four Pole
MRX108
1
2 1
2 1
2 1
2
A
B
C
D
1
3
4
6
2
5
(COM)
1 2 3 4 1 2 3 4
A
B
1 2 3 4 5 6
A
1 2 3 4 5 6 7 8
A
1
2
1
8
1
6
AT513M Hex Face Nut
AT507M Locking Ring
AT509 Lockwasher
MRX
MRY
Mounting Hardware
Packaged Loose with Each Switch
Hex Nut
Stopper Plate
Factory Assembled:
50°
Keyway
(3.15) Dia
.124
5
4
A
(2.3)
.091
(0.9) Typ
.035
(0.8) Typ
.031
(10.0)
.394
(5.0)
.197
(17.3)
.681
(5.6)
.220
(20.0)
.787
(1.0)
.039
M6 P0.75
1
4
A
1
2
22.5° 45
° Typ
(1.5) Typ
.059
(0.5) Typ
.020
(4.0) Dia
.157
(14.0) Dia
.551


Similar Part No. - MRY106G-BF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRY106G-BF NKK-MRY106G-BF Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
More results

Similar Description - MRY106G-BF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRX108-AA NKK-MRX108-AA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
logo
PIC GmbH
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
logo
Nihon Kaiheiki Industry...
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com