Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-30S-12CM Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-30S-12CM
Description  Chassis Mount, 30W Single, Dual & Triple Out AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-30S-12CM Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-30S-12CM Datasheet HTML 1Page - MicroPower Direct, LLC MPM-30S-12CM Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
265
VAC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
20.0
A Pk
230 VAC
40.0
EMI
Meets CISPR Pub. 22/FCC Class B
Safety Ground Leakage Current
115 VAC
0.1
mA
230 VAC
0.3
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy, Note 1
±1.0
±2.0
%
Line Regulation
VIN = Min to Max
±0.2
±1.0
%
Load Regulation, Single Output
IO = Min to Max
±0.5
±1.0
%
Load Regulation, Dual Output
IO = Min to Max
±2.5
±5.0
%
Load Regulation, Triple Output - Primary
IO = Min to Max
±2.5
±5.0
%
Load Regulation, Triple Output - Aux.
IO = Min to Max
±4.0
%
Ripple & Noise (20 MHz)
3.3 & 5.0 VDC Output
1.5
1.8
%VP-P of VO
All Other Outputs
1.0
1.3
Hold-Up Time
115 VAC, 60 Hz
20
mSec
Temperature Coefficient
±0.02
%/°C
Over Voltage Protection
Zener Diode Clamp
120
% of VO
Short Circuit Protection, Note 4
Continuous (Autorecovery)
Overload Protection, Note 5
Typ. 120% to 180% of Output Power
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Test Voltage
Input to Output, Flash Tested For 60S
4,700
VAC
Isolation Resistance
500 VDC
100
EMI/RFI
Conducted
EN 55022 Level B
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2 Level B
RF Field Susceptibility
IEC/EN61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4 Level 3 2 kV
Surge
IEC/EN 61000-4-5 Level 3 1kV/2 kV
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+71
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size, Chassis Mount
4.41 x 2.51 x 1.01 Inches (112.0 x 63.8 x 25.6 mm)
Case Size, DIN Rail Option
4.41 x 2.51 x 1.44 Inches (112.0 x 63.8 x 36.6 mm)
Case Material
Non-Conductive Plastic& Fiberglass (UL94-V0)
Weight
6.72 Oz (191g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
250
kHours
Safety Standards
IEN 60950, IEC 60950
Safety Approvals
IEN 60950, IEC 60950
Safety Class
IEC 61140 Class II
Chassis Mount, 30W
Single, Dual & Triple Out
AC/DC Power Supplies
Chi M
t 30W
MPM-30CM Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
DIN Rail Mounting
Kit Available!
Key Features:
30W Output Power
Universal 85-265 VAC Input
EN60950 Approved
Single, Dual & Triple Outputs
Meets EN55022 B
Meets IEC Safety Class II
Chassis Mount Case


Similar Part No. - MPM-30S-12CM

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-30S-12IS MPD-MPM-30S-12IS Datasheet
250Kb / 2P
   Board Mount, 30W Single, Dual & Triple Out AC/DC Power Supplies
More results

Similar Description - MPM-30S-12CM

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-30IS MPD-MPM-30IS Datasheet
250Kb / 2P
   Board Mount, 30W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15CM MPD-MPM-15CM Datasheet
241Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15IS MPD-MPM-15IS Datasheet
246Kb / 2P
   Board Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40 MPD-MPM-40 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-05 MPD-MPM-05 Datasheet
199Kb / 2P
   Compact, 5W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-15 MPD-MPM-15 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10 MPD-MPM-10 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com