Electronic Components Datasheet Search |
|
MB2411S2W25 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
MB2411S2W25 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 8 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Snap-Action Bracket PC Mount Series MB2400 CAP COLORS A Black B White C Red TYPICAL SWITCH ORDERING EXAMPLE A F MB24 SPDT ON-(ON) Circuit Vertical PC Terminals POLES & CIRCUITS 11 SPDT ON (ON) 61 DPDT ON (ON) ( ) = Momentary G DESCRIPTION FOR TYPICAL ORDERING EXAMPLE MB2411A2G40-FA CAPS F .201” (5.1mm) Dia. H .295” (7.5mm) Dia. CONTACT MATERIALS & RATINGS W Silver Rated 3A @ 125V AC G Gold Rated 0.4VA max @ 28V AC/DC max A Gold over Silver Rated 3A @ 125V AC & 0.4VA max @ 28V AC/DC max A2 40 BUSHINGS A2 .280” (7.1mm) Smooth with Keyway A1 .280” (7.1mm) Threaded with Keyway E2 .285” (7.24mm) Smooth with D Flat E1 .285” (7.24mm) Threaded with D Flat S2 .350” (8.9mm) Smooth with Keyway S1 .350” (8.9mm) Threaded with Keyway TERMINALS With Bracket 13 .250” (6.35mm) Straight PC with .465” (11.8mm) Bracket 15 .425” (10.8mm) Straight PC with .630” (16.0mm) Bracket 17 .964” (24.5mm) Straight PC with 1.150” (29.2mm) Bracket With Reinforced Bracket 23 .250” (6.35mm) Straight PC with .465” (11.8mm) Bracket 25 .425” (10.8mm) Straight PC with .630” (16.0mm) Bracket 26 .750” (19.05mm) Straight PC with .953” (24.2mm) Bracket With Terminal Support 30 Right Angle PC 32 Right Angle PCB w/Reverse Circuit (1-pole & 0.4VA rating only) 40 Vertical PC Black .201” (5.1mm) Diameter Cap Gold Contacts with 0.4VA Rating .280” (7.1mm) Smooth Bushing with Keyway 11 IMPORTANT: Switches are supplied without UL, C-UL, & CSA markings unless specified. Specific models & rat- ings noted on General Specifica- tions page. |
Similar Part No. - MB2411S2W25 |
|
Similar Description - MB2411S2W25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |