Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P01-06-E-2B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P01-06-E-2B
Description  Complement to MLW Rockers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P01-06-E-2B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  P01-06-E-2B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P01-06-E-2B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to MLW Rockers
P01 Indicators
With Bezel
Panel Thickness:
.039” ~ .157”
P01-12-C-1A
(1.0mm ~ 4.0mm)
Panel Thickness:
.039” ~ .157”
P01-12-C-2A
(1.0mm ~ 4.0mm)
OPTIONAL BEZELS & COLORS
Panel Thickness:
.039” ~ .157”
P01-12-C
(1.0mm ~ 4.0mm)
Without Bezel
With Large Bezel
TYPICAL INDICATOR DIMENSIONS
(20.0)
.787
(2.2)
.087
(16.4)
.646
(16.0)
.630
(25.5)
1.004
(16.4)
.646
(16.0)
.630
(26.3)
1.035
(23.8)
.937
(2.5)
.098
1E
1B
1A
1C
1F
1G
1D
1H
AT204
.787” (20.0mm) Wide Bezel
Material: Polycarbonate
Standard Finish: Glossy
2E
2B
2A
2C
2F
2G
2D
2H
AT9201
.937” (23.8mm) Wide Bezel
Color Codes:
A Black
B White
C Red
D Orange
E Yellow
F Green
G Blue
H Gray
(16.6)
.654
(21.0)
.827
(15.8)
.622
(0.5)
.020
(0.5)
.020
(5.9)
.232
(23.3)
.917
(17.0)
.669
(0.4) Typ
.016
(4.7) Typ
.185
(1.2) Dia Typ
.047
(1.8)
.071
L 1
L 2
(3.0) Typ
.118
(16.0)
.630
(25.5)
1.004
(16.2)
.638
(20.0)
.787
(15.8)
.622
(2.2)
.087
(0.5)
.020
(5.9)
.232
(22.3)
.877
(17.0)
.669
(0.4) Typ
.016
(4.7) Typ
.185
(1.2) Dia Typ
.047
(2.8)
.110
(16.0)
.630
(16.2)
.638
(23.8)
.937
(26.3)
1.035
(16.7)
.657
(18.7)
.736
(16.7)
.657
(18.7)
.736
(19.2) Sq
.755
(16.6)
.654
L 1
L 2
(3.0) Typ
.118
(16.6)
.654
(3.0) Typ
.118
L 1
L 2
(15.8)
.622
(2.5)
.098
(0.5)
.020
(5.9)
.232
(22.3)
.877
(17.0)
.669
(0.4) Typ
.016
(4.7) Typ
.185
(1.2) Dia Typ
.047
(2.8)
.110


Similar Part No. - P01-06-E-2B

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
P01-1000NS-101B RCD-P01-1000NS-101B Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-101BQ RCD-P01-1000NS-101BQ Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-101BW RCD-P01-1000NS-101BW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-201B RCD-P01-1000NS-201B Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-201BQ RCD-P01-1000NS-201BQ Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
More results

Similar Description - P01-06-E-2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
   Complement to Type 2SC5248
logo
Nihon Kaiheiki Industry...
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
G01PC NKK-G01PC Datasheet
54Kb / 1P
   Complement to G Switches
logo
Inchange Semiconductor ...
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
   Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
   Complement to Type 2SD1352
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
   Complement to Type 2SA1479
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
   Complement to Type 2SC4159
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
   Complement to Type 2SB1143
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com