Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2123PFG Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2123PFG
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2123PFG Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2123PFG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2123PFG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
Model
Pole & Throw
Toggle Position & Terminal Numbers
Schematics
Down
Center
Up
Notes: Terminal numbers are not actually on the switch.
LEDs require an external power source.
M2112
SPDT
ON
2-3
NONE
NONE
ON
2-1
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
4-6
ON
4-6
Red
5-6
NONE
NONE
NONE
NONE
NONE
NONE
ON
4-6
OFF
OPEN
Green
5-4
M2113
SPDT
ON
2-3
OFF
OPEN
ON
2-1
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
4-6
ON
4-6
Red
5-6
ON
4-6
OFF
OPEN
OFF
OPEN
ON
4-6
ON
4-6
Green
5-4
M2122
DPDT
ON
2-3 5-6
NONE
NONE
ON
2-1 5-4
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
7-9
ON
7-9
Red
8-9
NONE
NONE
NONE
NONE
NONE
NONE
ON
7-9
OFF
OPEN
Green
8-7
M2123
DPDT
ON
2-3 5-6
OFF
OPEN
ON
2-1 5-4
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
7-9
ON
7-9
Red
8-9
ON
7-9
OFF
OPEN
OFF
OPEN
ON
7-9
ON
7-9
Green
8-7
POLES & CIRCUITS & LED ILLUMINATION
Isolated
Single Color
LED
Isolated
Bicolor LED
Synchronous
Single Color
LED
Synchronous
Bicolor LED
1
3
4 COM
6
2 (COM)
(+) Red
( ) Green
Red
Green
1
3
4
6
2 (COM)
L(+)
L(-)
COM (+)
1
3
4
6
2 (COM)
5
Green
Red
Connected Power Terminals
Connected Power Terminals
1
6
7
9
2 (COM)
3
4
5
L(+)
L(-)
Connected Power Terminals
Connected Power Terminals
1
3
7
9
2 (COM)
4
6
5
L(+)
L(-)
COM (+)
1
3
4
9
2 (COM)
5
6
7
8
Green
Red
1
3
4
2 (COM)
5
6
7 COM
9
(+) Red
( ) Green
Red
Green
Isolated
Single Color
LED
Isolated
Bicolor LED
Synchronous
Single Color
LED
Synchronous
Bicolor LED
Keyway
LED COLORS & SPECIFICATIONS
Single Element LED
Toggles & Rockers
Toggles
Rockers
Paddles
Single Color
Bicolor
Bicolor
Single Color
Bicolor
Units
Red Yellow Green Red/Green Red/Green Red Yellow Green Red/Green
Forward Peak Current
I
FM
25
30
30
25
25
10
30
30
30/25
mA
Continuous Forward Current
I
F
20
20
20
10
20
8
24
24
20/20
mA
Forward Voltage
V
F
2.1
2.1
2.1
1.9
2.1
1.9
2.0
2.1
2.0/2.2
V
Reverse Peak Voltage
V
RM
4
4
4
–––
–––
5
5
5
–––
V
Current Reduction Rate Above 25°C ∆I
F
0.33 0.40 0.40 0.33/0.33 0.33/0.33 0.13 0.40 0.40 0.43/0.38 mA/°C
Ambient Temperature Range
–10° ~ +55°C
–25° ~ +70°C
LED factory assembled
Not available separately
Bicolor is white in OFF state.
CF
CF
C
F
E
C
E
F
CF
Color
1
3
4
6
2 (COM)
L(+)
L(-)


Similar Part No. - M2123PFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2123PFG01-A NKK-M2123PFG01-A Datasheet
644Kb / 6P
   General Specifications
M2123PFG01-B NKK-M2123PFG01-B Datasheet
644Kb / 6P
   General Specifications
M2123PFG02-A NKK-M2123PFG02-A Datasheet
644Kb / 6P
   General Specifications
M2123PFG02-B NKK-M2123PFG02-B Datasheet
644Kb / 6P
   General Specifications
M2123PFG03-A NKK-M2123PFG03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2123PFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com