Electronic Components Datasheet Search |
|
P2021N-EE Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
P2021N-EE Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 5 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Internationally Approved Rockers/Paddles Series P General Specifications Electrical Capacity Resistive Load: 10A @ 125V AC or 6A @ 250V AC Motor Load: 400W @ 125V AC Lamp Load: 2A @ 125V AC for On-Off-On circuit & 3A @ 125V AC for other circuits Other Ratings Contact Resistance: 10 milliohms maximum Insulation Resistance: 1,000 megohms minimum @ 500V DC Dielectric Strength: 2,000V AC minimum between contacts for 1 minute minimum; 4,000V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 50,000 operations minimum Electrical Life: 25,000 operations minimum Angle of Throw: 25° Materials & Finishes Frame: Stainless steel Case/Base: Diallyl phthalate resin (UL94V-0) Movable Contacts: Silver alloy with silver plating Stationary Contacts: Pure silver with silver plating Terminals: Copper with silver plating Environmental Data Operating Temp Range: –10°C through +85°C (+14°F through +185°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Installation Soldering Time & Temp: Wave Soldering (Straight PC): See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Standards & Certifications Flammability Standards: UL94V-0 rated case/base UL Recognized: All models recognized at 10A @ 125V AC & 6A @ 250V AC; UL File No. WOYR2.E44145. C-UL Recognized: All models recognized at 10A @ 125V AC & 6A @ 250V AC; C-UL File No. WOYR8.E44145. CSA Certified: Single pole models certified at 10A @ 125V AC & 6A @ 250V AC; CSA File No. 023535-0-000. VDE Approved: All models approved at 10A @ 125V AC & 6A @ 250V AC; VDE License No. 119174. Marking on switch is standard. SEMKO Approved: P2011Y, P2012Y, P2013Y, P2021Y, P2022Y models approved at 10A @ 125V AC & 6A @ 125/250V AC; Reference No. 9915205/01-02. Marking on switch is standard. SEV Approved: All models with quick connect terminals approved at 10A @ 125V AC & 6A @ 250V AC; (P2013 only for micro-switch off); Authorization No. 02.0466. Marking on switch is standard. V D E R |
Similar Part No. - P2021N-EE |
|
Similar Description - P2021N-EE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |