Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2181LD3A Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2181LD3A
Description  Miniature Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2181LD3A Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2181LD3A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2181LD3A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Bushing Mount Miniature Pushbuttons
Series MB2000
(1.78)
.070
HARDWARE
AT516
O-ring for
Splashproof Bushing
1 included with
each splashproof model
Material:
Nitrile butadiene rubber
AT509
Lockwasher
1 included with each switch
(not with splashproof models)
Material:
Steel with Zinc/Chromate
Optional Mounting Collars/Conical Nuts
AT4042H for Inch
AT4042M for Metric
Boot for Alternate
Material:
Silicone rubber
Dimension A = Cap Height
.091” (2.3mm) for Momentary with Plunger Code S
.157” (4.0mm) for Alternate with Plunger Code S
.142” (3.6mm) for Momentary & Alternate with Plunger Code L
AT507H for Inch
AT507M for Metric
Locking Ring
Material:
Steel with Zinc/Chromate
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
Standard Hardware
Optional Hardware
AT4041H for Inch
AT4041M for Metric
Boot for Momentary
Material:
Silicone rubber
Optional Splashproof Boots for S Plunger
Operating Life 100,000
Boots for momentary devices
are accompanied by a threaded
adaptor which extends the
length of the plunger.
Operating Life 30,000
AT512CH for Inch
AT512CM for Metric
Conical nut
Used with .394” (10.0mm)
Dia. Cap (cap code C)
Material:
Brass with chrome plating
AT512H for Inch
AT512M for Metric
Conical Nut
Used with .315” (8.0mm) Dia.
Cap (cap code B)
Material:
Brass with chrome plating
M6 P0.75 or
1/4-40 Thd
M2.3 P0.4
AT513H for Inch
AT513M for Metric
Hexagon Nut
2 included with each switch
(1 with splashproof models)
Material:
Brass with Nickel plating
(9.63) Dia
.379
(6.07) Dia
.239
(10.0)
.394
(8.5)
.335
(13.0) Dia
.512
(10.5) Dia
.413
(4.0) Max
.157
A
A
(10.0)
.394
(10.0)
.394
(12.2) Dia
.480
(4.0) Max
.157
A
A
(14.0) Dia
.551
(10.8)
.425
(8.5)
.335
(10.0)
.394
(4.9) Dia
.193
(6.0) Dia
.236
(4.0) Max
.157
(3.5) Min
.138
(10.8)
.425
(8.5)
.335
(10.0)
.394
(4.9) Dia
.193
(6.0) Dia
.236
(4.0) Max
.157
(3.5) Min
.138


Similar Part No. - MB2181LD3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB2181 ETC2-MB2181 Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
MB2181SB1G01 NKK-MB2181SB1G01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2181SB1G02 NKK-MB2181SB1G02 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2181SB1G03 NKK-MB2181SB1G03 Datasheet
333Kb / 11P
   Miniature Pushbuttons
MB2181SB1G05 NKK-MB2181SB1G05 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results

Similar Description - MB2181LD3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com