Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2011N-DF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2011N-DF
Description  Internationally Approved Rockers/Paddles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2011N-DF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2011N-DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
TYPICAL SWITCH DIMENSIONS
P2012N-DC
P2011 & P2021 models do not have terminals 1a & 2a.
Y Frame
N Frame
P2022Y-JC
P2011 & P2021 models do not have terminals 1a & 2a.
ROCKER/PADDLE CAPS
D AT4148
.365” (9.27mm) Wide Rocker
AT4149
.365” (9.27mm) Wide Paddle
E
For N Frame
For Y Frame
J
AT4156
.595” (15.11mm) Wide Rocker
AT4157
.595” (15.11mm) Wide Paddle
H
A
Black
Cap Colors
Available:
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
Material: Polyamide
Finish: Matte
1b
1a
1
(20.5)
.807
(3.2) Dia Typ
.126
(2.6)
.102
(11.0)
.433
25
°
(12.3)
.484
(0.6)
.024
(1.25) x (2.0) Typ
.049 x .079
(1.0) Typ
.039
(0.8)
.031
(7.62)
.300
(0.5)
.020
(5.0)
.197
(3.5)
.138
(9.65)
.380
(22.0)
.866
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(13.5)
.531
(9.27)
.365
(15.11)
.595
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
25
°
(14.5)
.571
(0.6)
.024
(1.25) x (2.0) Typ
.049 x .079
(1.0) Typ
.039
(0.8)
.031
(7.62)
.300
(0.5)
.020
(3.5)
.138
(5.0)
.197
(21.7)
.854
(10.1)
.398
1
2
2a
1a
1b
2b
(20.0)
.787
(10.16)
.400
(20.5)
.807
(2.6) Typ
.102
(6.15)
.242
(7.9)
.311
(8.8)
.346
(3.5)
.138
(13.49)
.531
(16.87)
.664
(9.27)
.365
(9.27)
.365
(18.8)
.740
(2.13)
.084
(3.96)
.156
(8.43) R
.332
(3.5)
.138
(16.8)
.661
(15.11)
.595
(11.0)
.433
(26.78)
1.054
(23.01)
.906
(10.11)
.398
(6.6)
.260
(3.5)
.138
(14.33)
.564
(15.11)
.595
(29.82)
1.174
(26.8)
1.055
(2.36)
.093
(4.75)
.187
(13.5) R
.531
(7.3)
.287
(3.5)
.138


Similar Part No. - P2011N-DF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2011N-DF NKK-P2011N-DF Datasheet
159Kb / 5P
   General Specifications
More results

Similar Description - P2011N-DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com