Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRB22B-BH Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRB22B-BH
Description  Miniature PCB Process Sealed Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRB22B-BH Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRB22B-BH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRB22B-BH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRB22B-BH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRB22B-BH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRB22B-BH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature PCB Process Sealed Rotaries
Series MRB
General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: See Supplement Index to find explanation of operating range.
Other Ratings
Contact Resistance:
80 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum
Operating Torque:
0.04Nm average
Contact Timing:
Nonshorting (break-before-make)
Indexing:
45° for On-On-On & 90° for On-None-On
Materials & Finishes
Shaft:
Brass with nickel plating
Bushing:
Zinc alloy with nickel plating
Frame/Bracket:
Steel with tin plating
Movable Contacts:
Beryllium copper spring with gold plating
Stationary Contacts:
Copper with gold plating
Terminals:
Brass with tin plating
Base:
Polyamide
Environmental Data
Operating Temperature Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 3 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
.686Nm (6.08 lbin)
Cap Installation Force:
19.6 ~ 29.4N (4.41 ~ 6.61 lbf)
PCB Processing
Soldering:
Wave Soldering Recommended: See Profile B in Supplement section
Manual Soldering: See Profile B in Supplement section
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
UL Recognition
The MRB Series rotaries have not been tested for UL recognition or CSA certification.
or CSA Certification:
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - MRB22B-BH

ManufacturerPart #DatasheetDescription
logo
ETA-USA
MRB24SA-U ETA-USA-MRB24SA-U Datasheet
490Kb / 3P
   50 WATT AC-DC CONVERTER
MRB24SB-U ETA-USA-MRB24SB-U Datasheet
518Kb / 4P
   50 WATT AC-DC CONVERTER
More results

Similar Description - MRB22B-BH

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com