Selected language     English  ▼


W01G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. W01G
Description  1.5AMP Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 1 page
background image
Any changing of specification will not be informed individual
WO...G/WOM...G SERIES
VOLTAGE 50V ~ 1000V
1.5AMP Single Phase Bridge Rectifiers
FEA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page 1 of 2
Dimensions in inches and (millimeters)
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TURES
*
Surge overload rating -50 amperes peak
*
Ldeal for printed circuit board
technique results in expensive product
*
Mounting Position :Any
*
RoHS Compliant Product
*
Reliable low cost construction utilizong molded plastic
CHARACTERISTICS
W005G
W01G
W02G
W04G
W06G
W08G
W10G
W005MG W01MG W02MG W04MG W06MG W08MG W10MG
VRRM
50
100
200
400
600
800
1000
VRMS
35
70
140
280
420
560
700
VDC
50
100
200
400
600
800
1000
I
2t
TJ
TSTG
I(AV)
1.5
5.0
50
IFSM
SYMBOL
10.0
1.0
1.1
VF
-55 to +150
IR
-55 to +150
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
V
Maximum DC Blocking Voltage
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surage Current ,8.3m Single
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I
2t Rating for Fusing (t<8.3ms)
A
2t
Maximum Forward Voltage Drop Per Element
at 1.5A Peak
Maximum Reverse Current at Rated
TA=25℃
uA
DC Blocking Voltage Per Element
TA=100℃
mA
Operating Temperature Range TJ
Storage Temperature Range TA
A
UNIT
A
V
A suffix of "-C" specifies halogen & lead-free




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB151VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
KBP201G_1Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001GSingle Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS4B01G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBJ35005Single Phase Bridge Rectifiers 1 2 Sirectifier Semiconductors
GBL005SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 Yangzhou yangjie electronic co., ltd
RB-15SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS 1 2 Yangzhou yangjie electronic co., ltd
BR305SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
MB1505WSINGLE PHASE 15 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl