Selected language     English  ▼


W01G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part No. W01G
Description  1.5AMP Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 2 page
background image
Any changing of specification will not be informed individual
WO...G/WOM...G SERIES
VOLTAGE 50V ~ 1000V
1.5AMP Single Phase Bridge Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page
2 of 2
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,℃
0
1.5
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
TJ=25℃
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
TJ=25
FIG.4-TYPIACL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
FIG. 1
–MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
100
20
0
40
60
10
30
50
TJ-25




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RB151VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
KBP201G_1Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001GSingle Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS4B01G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBJ35005Single Phase Bridge Rectifiers 1 2 Sirectifier Semiconductors
GBL005SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 Yangzhou yangjie electronic co., ltd
RB-15SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS 1 2 Yangzhou yangjie electronic co., ltd
BR305SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
MB1505WSINGLE PHASE 15 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl