Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPO-65S-12 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPO-65S-12
Description  Single Output, 65W Compact, Open Frame AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPO-65S-12 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPO-65S-12 Datasheet HTML 1Page - MicroPower Direct, LLC MPO-65S-12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
127
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
20.0
A Pk
Cold Start, 230 VAC
40.0
Safety Ground Leakage Current
115 VAC
0.35
mA
240 VAC
0.5
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Adjustment
See Model Selection Guide
Output Voltage Tolerance, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Hold-Up Time
115 VAC
15
mSec
230 VAC
60
Set-Up Time
230 VAC
800
mSec
Rise Time
230 VAC
20
mSec
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Voltage Protection
See Note 3
115
135
%
Overload Protection
See Note 4
112
160
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Input to Ground
1,500
Output to Ground
500
Isolation resistance
500 VDC
100
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
Fixed
65
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-10
+25
+60
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Size
5.00 x 3.00 x 1.65 Inches (127.0 x 76.2 x 42.0 mm)
Weight
7.4 Oz (0.21 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
IEN 60950, IEC 60950
Vibration
10~500 Hz, 2G 10 min/1 Cycle. Period of 60 min each along X, Y &Z Axis
Single Output, 65W
Compact, Open Frame
AC/DC Power Supplies
Key Features:
65W Output Power
Universal 90-264 AC Input
EN 60950 Compliant
Low Leakage Current
Nine Single Output Models
Meets EN55022
>300 kHour MTBF
Only 5” x 3” x 1.6”
Si
l O
6
MPO-65S Series
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MPO-65S-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-60S MPD-MPO-60S Datasheet
343Kb / 2P
   MPO-60S Series
More results

Similar Description - MPO-65S-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPO-45S MPD-MPO-45S Datasheet
317Kb / 2P
   Single Output, 45W Compact, Open Frame AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
   Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
   Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
   Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com