Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2T15S4A5A40 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T15S4A5A40
Description  Process Sealed Miniature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T15S4A5A40 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T15S4A5A40 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T15S4A5A40 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Toggles
Series M2
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
6A @ 125V AC or 3A @ 250V AC;
4A @ 30V DC (On-On circuit) & 3A @ 30V DC (all other circuits)
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Logic/Power Level (code A):
Combines W & G ratings
Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold
Contact Timing:
Nonshorting (break-before-make)
Angle of Throw:
26°
Materials & Finishes
Toggle/Lever:
Brass with chrome plating
Support Bracket:
Brass with tin plating
Bushing/Housing:
Glass fiber reinforced polyamide (UL94V-0)
Sealing Ring:
Nitrile butadiene rubber
Base:
Glass fiber reinforced polyamide (UL94V-0)
Movable Contacts:
Silver alloy with silver plating (code W); copper or phosphor bronze with gold plating (code G);
or silver alloy with gold plating (code A)
Stationary Contacts:
Silver alloy with silver plating (code W); copper or brass with gold plating (code G);
or silver alloy with gold plating (code A)
Terminals:
Copper or brass with silver or gold plating
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering Recommended: See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 rated bushing/housing & base
UL Recognized:
All models recognized at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC or 0.4A @ 28V DC;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch.
C-UL Recognized:
All models recognized at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC or 0.4A @ 28V DC;
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
All models certified at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC;
CSA File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - M2T15S4A5A40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T15S4A5A40 NKK-M2T15S4A5A40 Datasheet
184Kb / 8P
   General Specifications
More results

Similar Description - M2T15S4A5A40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com