Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2021N-EG Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2021N-EG
Description  Internationally Approved Rockers/Paddles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2021N-EG Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2021N-EG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2021N-EG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2021N-EG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2021N-EG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2021N-EG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
General Specifications
Electrical Capacity
Resistive Load:
10A @ 125V AC or 6A @ 250V AC
Motor Load:
400W @ 125V AC
Lamp Load:
2A @ 125V AC for On-Off-On circuit & 3A @ 125V AC for other circuits
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Angle of Throw:
25°
Materials & Finishes
Frame:
Stainless steel
Case/Base:
Diallyl phthalate resin (UL94V-0)
Movable Contacts:
Silver alloy with silver plating
Stationary Contacts:
Pure silver with silver plating
Terminals:
Copper with silver plating
Environmental Data
Operating Temp Range:
–10°C through +85°C (+14°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp:
Wave Soldering (Straight PC): See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 rated case/base
UL Recognized:
All models recognized at 10A @ 125V AC & 6A @ 250V AC; UL File No. WOYR2.E44145.
C-UL Recognized:
All models recognized at 10A @ 125V AC & 6A @ 250V AC; C-UL File No. WOYR8.E44145.
CSA Certified:
Single pole models certified at 10A @ 125V AC & 6A @ 250V AC; CSA File No. 023535-0-000.
VDE Approved:
All models approved at 10A @ 125V AC & 6A @ 250V AC; VDE License No. 119174.
Marking on switch is standard.
SEMKO Approved:
P2011Y, P2012Y, P2013Y, P2021Y, P2022Y models approved at 10A @ 125V AC &
6A @ 125/250V AC; Reference No. 9915205/01-02. Marking on switch is standard.
SEV Approved:
All models with quick connect terminals approved at 10A @ 125V AC & 6A @ 250V AC;
(P2013 only for micro-switch off); Authorization No. 02.0466. Marking on switch is standard.
V
D E
R


Similar Part No. - P2021N-EG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2021N-EG NKK-P2021N-EG Datasheet
159Kb / 5P
   General Specifications
More results

Similar Description - P2021N-EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com