Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5261B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ZMM5261B
Description  SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ZMM5261B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ZMM5261B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ZMM5261B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
Items
Symbol
Value
Unit
Power Dissipation at Tamb = 25
PTOT
500 *
mW
Junction Temperature
TJ
175
Storage Temperature Range
TSTG
-65 ~ +175
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Characteristic at Tamb = 25
Items
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance Junctiobn to Ambient Air
R JA
-
-
0.3 *
K / mW
Forward Voltage @ IF = 200 mA
VF
-
-
1.1
V
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Mechanical Data
Items
Materials
Package
Mini MELF ( SOD-80 )
Case
Hermeticall Sealed Glass
Lead Finish
Solder Plating
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
510
15
20
25
30
50
V
40
30
20
10
0
Breakdown Characteristics
IZ
VZ
ZMM52 Series
mA
Test currrent
Iz=20mA
due to the ambient temperature.
500
Change in the power dissipation
250
200
50
100
150
200
Ta (
)
Ambient Temperature.
100
400
300
6
Dimensions in mm
MINI MELF (SOD-80)
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - ZMM5261B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5261B JGD-ZMM5261B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
EIC discrete Semiconduc...
ZMM5261B EIC-ZMM5261B Datasheet
126Kb / 2P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5261B DIODES-ZMM5261B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
ZMM5261B DIODES-ZMM5261B Datasheet
80Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Diotech Company.
ZMM5261B DIOTECH-ZMM5261B Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5261B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com