Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2411E2W32 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2411E2W32
Description  Snap-Action Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2411E2W32 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2411E2W32 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W32 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bracket PC Mount
Series MB2400
CAP COLORS
A
Black
B
White
C
Red
TYPICAL SWITCH ORDERING EXAMPLE
A
F
MB24
SPDT ON-(ON) Circuit
Vertical PC Terminals
POLES & CIRCUITS
11
SPDT
ON
(ON)
61
DPDT
ON
(ON)
( ) = Momentary
G
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MB2411A2G40-FA
CAPS
F
.201” (5.1mm) Dia.
H
.295” (7.5mm) Dia.
CONTACT MATERIALS
& RATINGS
W
Silver
Rated 3A @ 125V AC
G
Gold
Rated 0.4VA max @
28V AC/DC max
A
Gold over Silver
Rated 3A @ 125V AC
& 0.4VA max @ 28V
AC/DC max
A2
40
BUSHINGS
A2
.280” (7.1mm)
Smooth with Keyway
A1
.280” (7.1mm)
Threaded with Keyway
E2
.285” (7.24mm)
Smooth with D Flat
E1
.285” (7.24mm)
Threaded with D Flat
S2
.350” (8.9mm)
Smooth with Keyway
S1
.350” (8.9mm)
Threaded with Keyway
TERMINALS
With Bracket
13 .250” (6.35mm) Straight PC with .465” (11.8mm) Bracket
15 .425” (10.8mm) Straight PC with .630” (16.0mm) Bracket
17 .964” (24.5mm) Straight PC with 1.150” (29.2mm) Bracket
With Reinforced Bracket
23 .250” (6.35mm) Straight PC with .465” (11.8mm) Bracket
25 .425” (10.8mm) Straight PC with .630” (16.0mm) Bracket
26 .750” (19.05mm) Straight PC with .953” (24.2mm) Bracket
With Terminal Support
30 Right Angle PC
32 Right Angle PCB w/Reverse Circuit (1-pole & 0.4VA rating only)
40 Vertical PC
Black .201” (5.1mm) Diameter Cap
Gold Contacts with
0.4VA Rating
.280” (7.1mm) Smooth Bushing
with Keyway
11
IMPORTANT:
Switches are supplied without UL,
C-UL, & CSA markings unless
specified. Specific models & rat-
ings noted on General Specifica-
tions page.


Similar Part No. - MB2411E2W32

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E2W01 NKK-MB2411E2W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W03 NKK-MB2411E2W03 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W05 NKK-MB2411E2W05 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W06 NKK-MB2411E2W06 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W07 NKK-MB2411E2W07 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
More results

Similar Description - MB2411E2W32

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com