Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB16CGW01-H Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB16CGW01-H
Description  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16CGW01-H Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16CGW01-H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGW01-H Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Snap-in Pushbuttons
Series LB
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness: .039” ~ .106” (1.0mm ~ 2.7mm)
OPTIONAL ACCESSORIES
Protective Guard
AT4057
Rectangular
Protective Guard
Opens 90°
Closes manually
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Spring Loaded Protective Guard
AT4172
Rectangular
Protective Guard
(26.6)
1.047 (N)
(16.2)
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4172
(10.5)
.413
(20.5)
.807
(22.4)
.882
(26.6)
1.047
* Minimum dimension allows opening of cover to 180
°
(24.1)
.949
(20.4)
.803
(17.9)
.705
(7.1)
.280
180
°
(7.5)
.295
Cap Height
When
Assembled
(24.6)
.969
(26.6)
1.047
(10.5)
.413
(20.5)
.807
Protective Guards reduce depth of switch behind panel by .020” (0.5mm).
(26.0)
1.024
(10.0)
.394
(24.15)
.951
(21.0)
.827
(14.0)
.551
(8.0)
.315
Cap Height
When
Assembled
Opens 180°
Closes automatically


Similar Part No. - LB16CGW01-H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB16CGW01-05-BJ NKK-LB16CGW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CGW01-05-CJ NKK-LB16CGW01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CGW01-05BJ NKK-LB16CGW01-05BJ Datasheet
697Kb / 20P
   General Specifications
LB16CGW01-05CJ NKK-LB16CGW01-05CJ Datasheet
697Kb / 20P
   General Specifications
LB16CGW01-05EJ NKK-LB16CGW01-05EJ Datasheet
697Kb / 20P
   General Specifications
More results

Similar Description - LB16CGW01-H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com