Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2411E2W40 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2411E2W40
Description  Snap-Action Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2411E2W40 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2411E2W40 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2411E2W40 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bracket PC Mount
Series MB2400
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not actually
on the switch.
* When using terminal code 32, connected
terminals and schematic are reversed.
SP
*MB2411
ON
(ON)
1-3
1-2
SPDT
DP
MB2461
ON
(ON)
1-3 4-6
1-2 4-5
DPDT
POLES & CIRCUITS
Keyway
Keyway
BUSHINGS
.280” (7.1mm)
Threaded with Keyway
.285” (7.24mm)
Threaded with D Flat
E1
A1
.350” (8.9mm)
Threaded with Keyway
S1
Maximum Panel Thickness with
Standard Hardware: .068” (1.74mm)
Maximum Panel Thickness with
Standard Hardware: .134” (3.40mm)
For A1, A2, S1, or S2 Bushing
with Keyway
For E1 or E2 Bushing
with D Flat
With
Optional Locking Ring
Standard hardware includes 2 hex nuts & 1 lockwasher.
Hardware is illustrated following the Typical Switch Dimension drawings.
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
(5.8)
.228
(6.5) Dia
.256
Panel Cutouts
Maximum Panel Thickness with
Standard Hardware: .068” (1.74mm)
.280” (7.1mm)
Smooth with Keyway
.285” (7.24mm)
Smooth with D Flat
E2
A2
.350” (8.9mm)
Smooth with Keyway
S2
1
3
2
(COM)
4
6
1
3
2
5
(COM)
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(6.2) Dia
.244
(2.84) Dia
.112
(0.9)
.035
(7.1)
.280
(5.54)
.218
(6.2) Dia
.244
(2.84) Dia
.112
(0.9)
.035
(7.24)
.285
(5.54)
.218
(8.0) Dia
.315
(2.5)
.098
(8.0) Dia
.315
(5.54)
.218
(8.9)
.350
(0.9)
.035
(6.2) Dia
.244
(2.84) Dia
.112
(2.5)
.098
(0.8)
.031
(8.0) Dia
.315
1/4-40 Thd
(2.84) Dia
.112
(0.9)
.035
(7.1)
.280
(5.54)
.218
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
(2.5)
.098
(2.84) Dia
.112
1/4-40 Thd
(5.54)
.218
(7.24)
.285
(0.9)
.035
(8.0) Dia
.315
(0.9)
.035
(8.9)
.350
(5.54)
.218
1/4-40 Thd
(2.84) Dia
.112
(2.5)
.098
(0.8)
.031
Note: Plunger selection is not required for MB2400 pushbuttons.
The plunger can be used with or without a cap.


Similar Part No. - MB2411E2W40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E2W01 NKK-MB2411E2W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W03 NKK-MB2411E2W03 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W05 NKK-MB2411E2W05 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W06 NKK-MB2411E2W06 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411E2W07 NKK-MB2411E2W07 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
More results

Similar Description - MB2411E2W40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com