Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTZS4695 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BTZS4695
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BTZS4695 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BTZS4695 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BTZS4695 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BTZS4695 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BTZS4695 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 12/01/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BTZS4678…BTZS4717
Characteristics at Ta = 25 OC
Zener Voltage
Maximum Zener Current
Voltage Change
Reverse Current
3)
VZ (V) @ IZ = 50 µA
IZM
2) (mA)
ΔVZ
4) (V)
IR (µA)
at VR (V)
Type
Typ.
1)
Min.
Max.
Max.
Max.
Max.
BTZS4678
1.8
1.71
1.89
120
0.7
7.5
1
BTZS4679
2
1.9
2.1
110
0.7
5
1
BTZS4680
2.2
2.09
2.31
100
0.75
4
1
BTZS4681
2.4
2.28
2.52
95
0.8
2
1
BTZS4682
2.7
2.565
2.835
90
0.85
1
1
BTZS4683
3
2.85
3.15
85
0.9
0.8
1
BTZS4684
3.3
3.135
3.465
80
0.95
7.5
1.5
BTZS4685
3.6
3.42
3.78
75
0.95
7.5
2
BTZS4686
3.9
3.705
4.095
70
0.97
5
2
BTZS4687
4.3
4.085
4.515
65
0.99
4
2
BTZS4688
4.7
4.465
4.935
60
0.99
10
3
BTZS4689
5.1
4.845
5.355
55
0.97
10
3
BTZS4690
5.6
5.32
5.88
50
0.96
10
4
BTZS4691
6.2
5.89
6.51
45
0.95
10
5
BTZS4692
6.8
6.46
7.14
35
0.9
10
5.1
BTZS4693
7.5
7.125
7.875
31.8
0.75
10
5.7
BTZS4694
8.2
7.79
8.61
29
0.5
1
6.2
BTZS4695
8.7
8.265
9.135
27.4
0.1
1
6.6
BTZS4696
9.1
8.645
9.555
26.2
0.08
1
6.9
BTZS4697
10
9.5
10.5
24.8
0.1
1
7.6
BTZS4698
11
10.45
11.55
21.6
0.11
0.05
8.4
BTZS4699
12
11.4
12.6
20.4
0.12
0.05
9.1
BTZS4700
13
12.35
13.65
19
0.13
0.05
9.8
BTZS4701
14
13.3
14.7
17.5
0.14
0.05
10.6
BTZS4702
15
14.25
15.75
16.3
0.15
0.05
11.4
BTZS4703
16
15.2
16.8
15.4
0.16
0.05
12.1
BTZS4704
17
16.15
17.85
14.5
0.17
0.05
12.9
BTZS4705
18
17.1
18.9
13.2
0.18
0.05
13.6
BTZS4706
19
18.05
19.95
12.5
0.19
0.05
14.4
BTZS4707
20
19
21
11.9
0.2
0.01
15.2
BTZS4708
22
20.9
23.1
10.8
0.22
0.01
16.7
BTZS4709
24
22.8
25.2
9.9
0.24
0.01
18.2
BTZS4710
25
23.75
26.25
9.5
0.25
0.01
19
BTZS4711
27
25.65
28.35
8.8
0.27
0.01
20.4
BTZS4712
28
26.6
29.4
8.5
0.28
0.01
21.2
BTZS4713
30
28.5
31.5
7.9
0.3
0.01
22.8
BTZS4714
33
31.35
34.65
7.2
0.33
0.01
25
BTZS4715
36
34.2
37.8
6.6
0.36
0.01
27.3
BTZS4716
39
37.05
40.95
6.1
0.39
0.01
29.6
BTZS4717
43
40.85
45.15
5.5
0.43
0.01
32.6
1) Toleranzing and voltage designation (VZ). The type numbers shown have a standard tolerance of ± 5 % on the nominal zener voltage.
2) Maximum zener current ratings (I
ZM). Maximum zener current ratings are based on maximum zener voltage of the individual units.
3) Reverse leakage current (I
R). Reverse leakage currents are guaranteed and measured at VR as shown on the table.
4) Maximum voltage change (ΔV
Z). Voltage change is equal to the difference between VZ at 100 µA and VZ at 10 µA.


Similar Part No. - BTZS4695

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BTZ3.3HSB SEMTECH_ELEC-BTZ3.3HSB Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BTZS4695

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com