Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK3403CTQ48 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK3403CTQ48
Description  8-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3403CTQ48 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK3403CTQ48 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3403CTQ48 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
75Ω
75Ω
75Ω
CDK3402/
CDK3403
IOR
IOB
IOG
AC-Coupling Caps
are Optional
DVD Player or STB
R
G
B
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
75Ω
Video Cables
75Ω
75Ω
330Ω
330Ω
CDK3402/
CDK3403
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
330Ω
330Ω
CDK3402/
CDK3403
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
75Ω
Video Cables
75Ω
75Ω
75Ω
Video Cables
Figure 6. Standard Definition Video Output Circuit Diagram
Figure 7. Graphics Output Driver Circuit Diagram
Figure 8. Standard Definition Video Distribution Circuit Diagram
Typical Application Diagrams


Similar Part No. - CDK3403CTQ48

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400CTQ48 CADEKA-CDK3400CTQ48 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Exar Corporation
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400CTQ48Y CADEKA-CDK3400CTQ48Y Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3403CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Maxim Integrated Produc...
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
   Triple 8-Bit Video ADC
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com