Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2N2222A Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2N2222A
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2N2222A Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2N2222A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2N2222A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2N2222A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2N2222A Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 05/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1000
700
500
300
200
100
70
50
30
20
10
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50 70
100
200
300
500 700 1.0 K
VCE=1.0V
VCE=10V
TJ=125 C
25 C
-55 C
o
o
o
I C, COLLECTOR CURENT (mA)
Figure 1. DC Current Gain
I B, BASE CURENT (mA)
0.3
0.01
0
0.005
0.4
0.6
1.0
0.8
0.03 0.05
0.1
0.2
10
0.5
1.0
2.0
3.0
5.0
50
20
30
Figure 2. Collector Saturetion Region
0.2
0.02
I C=1.0mA
10mA
150mA
500mA
o
TJ= 25 C
ST 2N2222 / 2N2222A


Similar Part No. - ST2N2222A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2N2907 SEMTECH_ELEC-ST2N2907 Datasheet
121Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
ST2N2907A SEMTECH_ELEC-ST2N2907A Datasheet
121Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2N2222A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com