Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U16C90 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # U16C90
Description  POWER RECTIFIERS(16A,700-1000V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U16C90 Datasheet(HTML) 1 Page - Mospec Semiconductor

  U16C90 Datasheet HTML 1Page - Mospec Semiconductor U16C90 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - U16C90

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
logo
Chenmko Enterprise Co. ...
U16C05PT CHENMKO-U16C05PT Datasheet
72Kb / 2P
   ULTRA FAST RECTIFIER
logo
Mospec Semiconductor
U16C10 MOSPEC-U16C10 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
logo
Chenmko Enterprise Co. ...
U16C10PT CHENMKO-U16C10PT Datasheet
72Kb / 2P
   ULTRA FAST RECTIFIER
logo
Mospec Semiconductor
U16C15 MOSPEC-U16C15 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
More results

Similar Description - U16C90

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U08A70 MOSPEC-U08A70 Datasheet
135Kb / 2P
   FAST RECTIFIERS(8A,700-1000V)
logo
Taiwan Memory Technolog...
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
   16A, 50V - 1000V Glass Passivated Rectifiers
logo
Mospec Semiconductor
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(16A,50-200V)
F16C30 MOSPEC-F16C30 Datasheet
137Kb / 2P
   POWER RECTIFIERS(16A,300-600V)
U16C30 MOSPEC-U16C30 Datasheet
138Kb / 2P
   POWER RECTIFIERS(16A,300-600V)
MU17 MOSPEC-MU17 Datasheet
144Kb / 2P
   POWER RECTIFIERS(1.0A,500-1000V)
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
   POWER RECTIFIERS(1.0A,500-1000V)
MU37 MOSPEC-MU37 Datasheet
134Kb / 2P
   POWER RECTIFIERS(3.0A,500-1000V)
SF47 MOSPEC-SF47 Datasheet
127Kb / 2P
   POWER RECTIFIERS(4.0A,500-1000V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
   POWER RECTIFIERS(5.0A,500-1000V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com