Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1014IST5 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CLC1014IST5
Description  Single and Triple, 750MHz Amplifiers with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1014IST5 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CLC1014IST5 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
2
CLC1004 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
DIS
Disable pin. Enabled if pin is grounded, left float-
ing or pulled below VON, disabled if pin is pulled
above VOFF.
6
+VS
Positive supply
CLC3004 Pin Configuration
Pin No.
Pin Name
Description
1
-IN1
Negative input, channel 1
2
+IN1
Positive input, channel 1
3
-VS
Negative supply
4
-IN2
Negative input, channel 2
5
+IN2
Positive input, channel 2
6
-VS
Negative supply
7
-IN3
Negative input, channel 3
8
+IN3
Positive input, channel 3
9
-VS
Negative supply
10
OUT3
Output, channel 3
11
+VS
Positive supply
12
OUT2
Output, channel 2
13
+VS
Positive supply
14
DIS
Disable pin. Enabled if pin is grounded, left float-
ing or pulled below VON, disabled if pin is pulled
above VOFF.
15
OUT1
Output, channel 1
16
+VS
Positive supply
Disable Pin Truth Table
Pin
High
Low*
DIS
Disabled
Enabled
*Default Open State
CLC1004 Pin Configuration
CLC3004 Pin Configuration
2
3
6
4
+IN
+VS
-IN
1
-VS
OUT
-
+
5
DIS
2
3
4
13
14
15
16
OUT1
-VS
+VS
DIS
1
+IN1
-IN1
5
6
7
-IN3
-VS
+IN2
10
11
12
OUT2
+VS
OUT3
-IN2
+VS
8
+IN3
9
-VS


Similar Part No. - CLC1014IST5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1014IST5X EXAR-CLC1014IST5X Datasheet
1Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
More results

Similar Description - CLC1014IST5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1004 EXAR-CLC1004 Datasheet
1Mb / 20P
   Single and Triple, 750MHz Amplifiers with Disable
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Cadeka Microcircuits LL...
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
   Single and Triple, 1.5GHz Amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Cadeka Microcircuits LL...
CLC1603 CADEKA-CLC1603 Datasheet
2Mb / 22P
   Single and Triple, 1.1mA, 200MHz Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com