Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC4050 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CLC4050
Description  Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4050 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CLC4050 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC4050 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
9
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 30V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ, G = 2; unless otherwise noted.
Functional Block Diagram
Voltage Gain vs. Supply Voltage
Input Current vs. Temperature
60
75
90
105
120
0
8
16
24
32
40
Power Supply Voltage (V)
RL=2K
RL=20K
VOUT = 0.2Vpp
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
Temperature (°C)
Q2
Q4
Q3
Q1
Q8
Q9
Q10
Q11
50µA
100µA
6µA
4µA
Q5
Q6
Q13
Rsc
Q7
+
Output
Q12
VCC
Cc
Inputs


Similar Part No. - CLC4050

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4050 EXAR-CLC4050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
CLC4050ISO14X EXAR-CLC4050ISO14X Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results

Similar Description - CLC4050

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
   36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com