Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3008A Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3008A
Description  High Capacity Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3008A Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3008A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-07
High Capacity Rockers
Series SW
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Note: See Supplement section for details of design for inductive DC loads.
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Angle of Throw:
Shown on following drawings
Nominal Operating Force:
1,800 grams for SW3822
2,200 grams for SW3823 Off to On
800 grams for SW3823 On to Off
Materials & Finishes
Rocker:
Urea resin; all rockers are white.
Mounting Frame:
Steel with chromate plating over zinc plating
Case Cover/Insulator:
Phenolic resin
Case:
Melamine phenol
Movable Contacts:
Copper with silver plating
Stationary Contacts:
Silver alloy plus copper with silver plating
Terminals:
Brass (terminal screws of brass with nickel plating)
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Standards & Certifications
UL Recognized:
UL symbol shown on following pages indicates models recognized.
UL File No. WOYR2.E44145; see Supplement section to find UL rating details.
C-UL Recognized:
C-UL symbol shown on following pages indicates models recognized.
C-UL File No. WOYR8.E44145; see Supplement section to find C-UL rating details.
CSA Certified:
CSA symbol shown on following pages indicates models certified.
CSA File No. 023535-0-000; see Supplement section to find CSA rating details.
R
GENERAL SPECIFICATIONS FOR SW3800s
R


Similar Part No. - SW3008A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SW3008A NKK-SW3008A Datasheet
223Kb / 4P
   Medium Capacity Rockers
More results

Similar Description - SW3008A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
LW3021A NKK-LW3021A Datasheet
53Kb / 1P
   High Capacity Screw Mount Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
GW12RCP ETC2-GW12RCP Datasheet
135Kb / 4P
   Ultra-Thin Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com