Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2057ISO8X Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC2057ISO8X
Description  Dual, Low Noise, Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2057ISO8X Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC2057ISO8X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain Bandwidth
G = +1, VOUT = 0.2Vpp, VS = 5V, Rf = 0
11.5
MHz
G = +1, VOUT = 0.2Vpp, VS = 30V, Rf = 0
13.5
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp, VS = 5V
6.2
MHz
G = +1, VOUT = 0.2Vpp, VS = 30V
6.7
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 1Vpp, VS = 5V
2.7
MHz
G = +2, VOUT = 2Vpp, VS = 30V
1.6
MHz
GBWP
Gain-Bandwidth Product
15
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%), VS = 5V
50
ns
VOUT = 0.2V step; (10% to 90%), VS = 30V
48
ns
OS
Overshoot
VOUT = 0.2V step
16
%
VOUT = 2V step
5
%
SR
Slew Rate
2V step, VS = 5V
6
V/µs
4V step, VS = 30V
6
V/µs
Distortion/Noise Response
THD
Total Harmonic Distortion
VOUT = 5V, f = 1kHz, G = 20dB
0.0005
%
en
Input Voltage Noise
> 1kHz
4
nV/√Hz
RIAA, 30kHz LPF, RS = 50Ω
0.7
μVRMS
XTALK
Crosstalk
Channel-to-channel, 500kHz, VS = 5V to 30V
67
dB
DC Performance
VIO
Input Offset Voltage (1)
RS ≤ 10kΩ
0.5
3
mV
Ib
Input Bias Current (1)
VCM = 0V
150
500
nA
IOS
Input Offset Current (1)
VCM = 0V
10
100
nA
PSRR
Power Supply Rejection Ratio (1)
RS ≤ 10kΩ
80
110
dB
AOL
Open-Loop Gain (1)
RL = ≥2kΩ, VOUT = ±10V
90
110
dB
IS
Supply Current (1)
Total, RL = ∞
3.5
7
mA
Input Characteristics
CMIR
Common Mode Input Range (1)
+VS = 15V, -VS = -15V
±12
±13.5
V
CMRR
Common Mode Rejection Ratio (1)
DC, VCM = 0V to +VS - 1.5V, RS ≤ 10kΩ
80
110
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 2kΩ
+13.8,
-13.0
V
RL = 10kΩ
±14.0,
-13.3
V
ISOURCE
Output Current, Sourcing
VIN+ = 1V, VIN- = 0V, VOUT = 2V
45
mA
ISINK
Output Current, Sinking
VIN+ = 0V, VIN- = 1V, VOUT = 2V
80
mA
Notes:
1. 100% tested at 25°C at VS = ±15V.


Similar Part No. - CLC2057ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2050 CADEKA-CLC2050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050 EXAR-CLC2050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2050ISO8X CADEKA-CLC2050ISO8X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050ISO8X EXAR-CLC2050ISO8X Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
   Dual 4V to 36V Amplifier
More results

Similar Description - CLC2057ISO8X

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com