Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR121 Datasheet(PDF) 1 Page - Lumins Inc.

Part # AR121
Description  Ceiling mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

AR121 Datasheet(HTML) 1 Page - Lumins Inc.

  AR121 Datasheet HTML 1Page - Lumins Inc. AR121 Datasheet HTML 2Page - Lumins Inc. AR121 Datasheet HTML 3Page - Lumins Inc. AR121 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Up dated technical data and
related models and light sources
with I.E.S formatted photometry
are available on
www.luminis.com.
ARAMIS
Specification
Ceiling mount
Aramis is down light companion luminaire with AR101 series allowing
to design a lighting design continuity within the same space.
Aramis accommodates various lamp
sources, and wattage for multiple lighting applications.
As a companion luminaire to the up/down light series.
This version will continue a lighting concept especially for spaces
where recessed lighting cannot be installed.
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
1- Extruded aluminum ballast housing module with
a fine linear stria pattern.
2- Extruded aluminum lamp housing, with a fine stria surface pattern.
3- Inner semi specular down light aluminum reflector.
4- Clear tempered glass (AR119 only)
AR115:
Compact fluorescent luminaire.
AR117:
H.I.D. ED17 lamp. luminaire up to 100W with CWA
core&coil ballast.
AR119:
H.I.D. T6 lamp. luminaire up to 70W with electronic ballast.
AR121:
H.I.D. PAR lamp. luminaire up to 70W with CWA
core&coil ballast.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Toll free: 888 .401 .6999
2
1
3
Installation:
Mounts over a standard 4”(100) octagonal
box with 3 1/2” (89) c/c mounting holes.
UL. Damp location
(CE certification on request)
Certification
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
120 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
MH (ED17)
CF (Gx24q)
M50
M70
Single lamp
F126
F132
F142
F157
Model#
Voltage
Finish
AR115
(Refer to color chart)
Mounting.
COMP. FLUO.
Luminaires may be altered for design improvements or discontinued without prior notice.
AR117
AR119
MH (G12) T6
M39T
M70T
H.I.D. (ED17) G12/T6 . MH
50W/ED17. MH
120 V
277 V
8”
8”
AR115
(Compact
fluorescent)
AR117
(H.I.D.)
AR119
(H.I.D. T6
lamp)
AR115 . AR117 . AR119 . AR121
(Open rated
lamps only.)
4
Photometry
12 1/2”
(318)
(200)
AR119
(200)
Options
Electronic
ballast
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
Optional colors
CS: Custom color
RAL: RAL# color
MH (PAR)
PH39
PH70
PAR20
PAR30L
AR121
L U M I
I
N S
AR119
AR121
(H.I.D.)
Page
2
Mounting
STC:
Safety cable.
STA:
36” lg.suspension
stem with 15º swivel.
SB45:
36” lg. stem with 45º
hang straight swivel.
Electrical
Dimming option: please refer to page 16
DM1:
1x26w / 1x32w/1x42w
120V Dimming ballast.
DM3:
2x32w / 2x42w
1X57 / 1X70W
120V Dimming ballast.
EM42:
1 lamp (26/32/42W)
Integral Emergency
battery back up.
QRS:
Quartz restrike
standby relay.
QS:
Quartz lamp socket
for external
emergency power.
Refer to pages 16 .17 . 18
for details on listed options.
(Lamps: By others)
Sept. 2006
Rev.Feb.2007


Similar Part No. - AR121

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AR12105CHFL FIBOX-AR12105CHFL Datasheet
41Kb / 1P
   PC Enclosure
16.05.2023
AR12105CHFLF FIBOX-AR12105CHFLF Datasheet
41Kb / 1P
   PC Enclosure
16.05.2023
AR12105CHFLM FIBOX-AR12105CHFLM Datasheet
41Kb / 1P
   PC Enclosure
16.05.2023
AR12105CHFSC FIBOX-AR12105CHFSC Datasheet
41Kb / 1P
   PC Enclosure
16.05.2023
AR12105CHFSCF FIBOX-AR12105CHFSCF Datasheet
41Kb / 1P
   PC Enclosure
16.05.2023
More results

Similar Description - AR121

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
   Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
   Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
   Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
   Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
   Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
   Ceiling mount
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
   Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
   Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
   Ceiling mount
PR1240 LUMINIS-PR1240 Datasheet
193Kb / 4P
   Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com