Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC4601 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC4601
Description  Dual, Triple, and Quad 550MHz Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4601 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC4601 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Application Information
Basic Operation
Figures 3, 4, and 5 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 3. Typical Non-Inverting Gain Circuit
Figure 4. Typical Inverting Gain Circuit
Figure 5. Typical Unity Gain (G=1) Circuit
CFB amplifiers can be used in unity gain configurations.
Do not use the traditional voltage follower circuit, where
the output is tied directly to the inverting input. With a
CFB amplifier, a feedback resistor of appropriate value
must be used to prevent unstable behavior. Refer to fig-
ure 5 and Table 1. Although this seems cumbersome, it
does allow a degree of freedom to adjust the passband
characteristics.
Feedback Resistor Selection
One of the key design considerations when using a CFB
amplifier is the selection of the feedback resistor, Rf. Rf is
used in conjunction with Rg to set the gain in the tradi-
tional non-inverting and inverting circuit configurations.
Refer to figures 3 and 4. As discussed in the Current Feed-
back Technology section, the value of the feedback resis-
tor has a pronounced effect on the frequency response of
the circuit.
Table 1, provides recommended Rf and associated Rg val-
ues for various gain settings. These values produce the
optimum frequency response, maximum bandwidth with
minimum peaking. Adjust these values to optimize perfor-
mance for a specific application. The typical performance
characteristics section includes plots that illustrate how
the bandwidth is directly affected by the value of Rf at
various gain settings.
Gain
(V/V
Rf (Ω)
Rg (Ω)
±0.1dB BW
(MHz)
-3dB BW
(MHz)
1
1120
-
165
520
2
510
510
120
335
5
200
50
40
230
Table 1: Recommended Rf vs. Gain
In general, lowering the value of Rf from the recom-
mended value will extend the bandwidth at the expense
of additional high frequency gain peaking. This will cause
increased overshoot and ringing in the pulse response
characteristics. Reducing Rf too much will eventually
cause oscillatory behavior.
Increasing the value of Rf will lower the bandwidth. Low-
ering the bandwidth creates a flatter frequency response
and improves 0.1dB bandwidth performance. This is im-
portant in applications such as video. Further increase in
Rf will cause premature gain rolloff and adversely affect
gain flatness.
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
+
-
Rf
0.1μF
6.8μF
Output
G = 1
Rf is required for CFB amplifiers
Input
+Vs
-Vs
0.1μF
6.8μF
RL
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL


Similar Part No. - CLC4601

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4601 EXAR-CLC4601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
CLC4601ISO14X EXAR-CLC4601ISO14X Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
More results

Similar Description - CLC4601

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com