Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB03WKW01 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB03WKW01
Description  Complement to YB Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB03WKW01 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB03WKW01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB03WKW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB03WKW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB03WKW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB03WKW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB03WKW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to YB Pushbuttons
YB Indicators
(15.0) Sq
.591
(12.2)
.480
(4.0)
.157
(4.0)
.157
(12.2)
.480
(21.0)
.827
(15.0)
.591
(15.0) Dia
.591
(12.2)
.480
(4.0)
.157
BRIGHT LEDS & LED CAPS
JB
JC
JD
JF
Lens/Insert
Colors Available:
Clear/Green
Clear/Amber
Clear/Red
Clear/White
Materials: Polycarbonate (Lens & Insert)
Thermoplastic Elastomer (Seal/Diffuser)
Finish:
Glossy
AT3004
Square
AT3005
Round
AT3006
Rectangular
Cap for Bright LED
Transparent Clear Lens
(+)
(-)
AT634
5-volt,
2-element
with Resistor
AT634
12-volt,
4-element
with Resistor
AT634
24-volt,
4-element
with Resistor
Electrical Specifications for Bright LED without Resistor
Unit
Forward Peak Current
I
FM
40
40
40
mA
Continuous Forward Current
I
F
26
26
26
mA
Forward Voltage
V
F
1.9
2.0
2.2
V
Reverse Peak Voltage
V
RM
4
4
4
V
Current Reduction Rate Above 25°C
∆I
F
0.50
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
No Code
Colors
Available:
5C
5D
5F
Red
Amber
Green
The electrical specifications shown are determined at a basic temperature of 25°C.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
No Resistor
(+)
(-)
Bright
AT628
Electrical Specifications for Bright LED with Resistor
Unit
Forward Peak Current
I
FM
mA
Continuous Forward Current
I
F
25
20
10
mA
Forward Voltage
V
F
5
12
24
V
Reverse Peak Voltage
V
RM
4
8
16
V
Current Reduction Rate Above 25°C
∆I
F
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
Available:
5C
5D
5F
Red
Amber
Green
Bright
AT634
T-1 Bi-pin
T-114 Bi-pin
05
12
24
Translucent Colored Insert
Translucent White Seal/Diffuser
Bright LEDs
AT628 AT634
(-)
(+)
(+)
(-)


Similar Part No. - YB03WKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB03WKW01-02-JB NKK-YB03WKW01-02-JB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB03WKW01-05-BB NKK-YB03WKW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB03WKW01-05-CB NKK-YB03WKW01-05-CB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB03WKW01-05-EB NKK-YB03WKW01-05-EB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB03WKW01-05-FB NKK-YB03WKW01-05-FB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
More results

Similar Description - YB03WKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com