Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W770 Datasheet(PDF) 1 Page - Lumins Inc.

Part # W770
Description  Post top mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W770 Datasheet(HTML) 1 Page - Lumins Inc.

  W770 Datasheet HTML 1Page - Lumins Inc. W770 Datasheet HTML 2Page - Lumins Inc. W770 Datasheet HTML 3Page - Lumins Inc. W770 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photometry
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Specification
ECLIPSE
Post top mount
Sept. 2006 Rev. Feb.2008
W768 . W770
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
The luminaire base assembly is built with a hinge
mechanism,allowing to tilt the top part of the luminaire to access the
electrical equipment. No tools required. The quick disconnect
ballast assembly is installed on a removable tray. The lamp is
accessible with a twist and lock action.
The ease of maintenance and lamp replacement concept will leave the
optical chamber free of finger prints and foreign particles,
Finish: All
polyester powder baked coatings preceded with
a 5 baths
preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- W768/W770 : 3/16” thick aluminum reflector disc.
Painted textured white on both sides. Optional white enamel over
reflective surface, and same color as luminaire on opposite side.
2- 1/4’ thick cast aluminum open twin structural reflector disc support.
3- Clear tempered glass factory sealed lens.
4- Cast Aluminum built-in hinge mechanism with spring
loaded push button.
5- Cast Aluminum ballast housing with dissipation fins to maximize
heat dissipation and cool operation of ballast.
6- Cast Aluminum swing out housing,with safety cable retainer.
Push release button for quick access to electrical equipment.
(No tools required for maintenance.) Button may be locked for
limited access. (See option LB1)
7- Semi-specular parabolic up-light reflector.
Toll free: 888 .401 .6999
E.P.A: .88 sq./ft
Max. weight: 33 lbs..
Installation: Mounts over a 4” or 5"O.D. Pole.X 4”ø tenon.
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
Model#
Voltage
Mounting
Finish
W768
W770
Mounting & E.P.A.
For options details and
specifications, please refer
to pages 41.42.43
Optional
Luminaires may be altered for design improvements or discontinued without prior notice.
ACA1
ACW1
EC3P
EC3W
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
39W H.I.D. G12/T6
120 V
277 V
MH (G12) T6
M39T
M70T
M150T
Page
36
L U M I
I
N S
Options
1
2
3
4
5
6
X
18”
12”
luminaire tilt
action.
Access
to lamp
Access
Ballast
7
Accessories
LB1:
Release button lock
RD:
Alternate top face
disc color same as
luminaire.
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
70W . 150W H.I.D. G12/T6
120 V
277 V
347V
ANSI Lamp code
39W:
M130
70W:
M139
150W:
M142
X
W768 : 24” Dia.
W770 : 36” Dia.
Painted
textured white
on both sides.


Similar Part No. - W770

ManufacturerPart #DatasheetDescription
logo
Winbond
W77C032A WINBOND-W77C032A Datasheet
546Kb / 78P
   8-BIT MICROCONTROLLER
W77C032A40DL WINBOND-W77C032A40DL Datasheet
546Kb / 78P
   8-BIT MICROCONTROLLER
W77C032A40FL WINBOND-W77C032A40FL Datasheet
546Kb / 78P
   8-BIT MICROCONTROLLER
W77C032A40PL WINBOND-W77C032A40PL Datasheet
546Kb / 78P
   8-BIT MICROCONTROLLER
W77C32 WINBOND-W77C32 Datasheet
860Kb / 71P
   8 BIT MICROCONTROLLER
More results

Similar Description - W770

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
   Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
   Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
   Post top mount
W800 LUMINIS-W800 Datasheet
112Kb / 2P
   Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
   Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
   Post top mount
W616 LUMINIS-W616 Datasheet
190Kb / 4P
   Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
   Post top mount
W905 LUMINIS-W905 Datasheet
16Kb / 1P
   Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
   Post top mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com