Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB12S-EE Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WB12S-EE
Description  Environmentally Sealed Pushbuttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WB12S-EE Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  WB12S-EE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WB12S-EE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WB12S-EE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WB12S-EE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Environmentally Sealed Pushbuttons
Series WB
Distinctive Characteristics
Single unit construction of the bushing and case gives added
protection from environmental elements.
Specially designed contact mechanism for breaking light welds.
Minimal contact bounce is achieved with specially
designed interlocked switching mechanism.
Outer housing of heat resistant resin meets UL 94V-0
flammability standard and provides high arc and
tracking resistance.
Solder lug and screw terminal models meet IP67 of
IEC60529 Standards at front panel (dust tight and
water protected for temporary immersion). Behind
panel standard is IP60 (dust tight but not water protected).
Wire lead models conform fully to IP67 of IEC60529 Standards
at front and behind panel (dust tight and water protected for
temporary immersion). These models are epoxy sealed at the
switch base and covered by an outer case for further protection
from dust and water (not operable under water).
Actual Size


Similar Part No. - WB12S-EE

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
WB12-1000-L1-A-BAB1 ASM-SENSOR-WB12-1000-L1-A-BAB1 Datasheet
1Mb / 18P
   Analog Output
WB12-1000-L1-D-BAB1 ASM-SENSOR-WB12-1000-L1-D-BAB1 Datasheet
1Mb / 18P
   Analog Output
WB12-1000-U2-A-BAB1 ASM-SENSOR-WB12-1000-U2-A-BAB1 Datasheet
1Mb / 18P
   Analog Output
WB12-1000-U2-D-BAB1 ASM-SENSOR-WB12-1000-U2-D-BAB1 Datasheet
1Mb / 18P
   Analog Output
More results

Similar Description - WB12S-EE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
Nihon Kaiheiki Industry...
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
   Snap/Clip-Lock Environmentally Sealed - Circular
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com